Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGS25X120RTP2 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTGS25X120RTP2
Description  Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGS25X120RTP2 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTGS25X120RTP2 Datasheet HTML 1Page - Advanced Power Technology APTGS25X120RTP2 Datasheet HTML 2Page - Advanced Power Technology APTGS25X120RTP2 Datasheet HTML 3Page - Advanced Power Technology APTGS25X120RTP2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APTGS25X120RTP2
APTGS25X120BTP2
APT website – http://www.advancedpower.com
3 - 4
IGBT & Diode Inverter Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 500µA
1200
V
Tj = 25°C
1.5
500
µA
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 1200V
Tj = 125°C
2
mA
Tj = 25°C
2.1
2.55
VCE(on) Collector Emitter on Voltage
VGE =15V
IC = 25A
Tj = 125°C
2.45
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 1mA
4.5
5.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
300
nA
Cies
Input Capacitance
VGE = 0V, VCE = 25V
f = 1MHz
1500
pF
Td(on)
Turn-on Delay Time
45
Tr
Rise Time
45
Td(off)
Turn-off Delay Time
290
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 600V
IC = 25A
RG = 27Ω
60
ns
Td(on)
Turn-on Delay Time
45
Tr
Rise Time
45
Td(off)
Turn-off Delay Time
340
Tf
Fall Time
80
ns
Eoff
Turn off Energy
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 25A
RG = 27Ω
3.2
mJ
Tj = 25°C
2.05
2.5
VF
Forward Voltage
VGE = 0V
IF = 25A
Tj = 125°C
1.9
V
Tj = 25°C
2.1
Qrr
Reverse Recovery Charge
IF = 25A
VR = 600V
di/dt=800A/µs
Tj = 125°C
4.5
µC
IGBT
0.55
RthJC
Junction to Case
Diode
1.2
°C/W
Temperature sensor NTC
Symbol Characteristic
Min
Typ
Max Unit
R25
Resistance @ 25°C
5
k
Ω
B 25/50
T25 = 298.16 K
3375
K
−
=
T
T
B
R
R
T
1
1
exp
25
50
/
25
25
3. Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max Unit
VISOL
RMS Isolation Voltage, any terminal to case t =1 min,
I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
Torque Mounting torque
To Heatsink
M5
3.3
N.m
Wt
Package Weight
185
g
T: Thermistor temperature
RT: Thermistor value at T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com