Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD43 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CD43
Description  CD43
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD43 Datasheet(HTML) 1 Page - Sumida Corporation

  CD43 Datasheet HTML 1Page - Sumida Corporation CD43 Datasheet HTML 2Page - Sumida Corporation CD43 Datasheet HTML 3Page - Sumida Corporation CD43 Datasheet HTML 4Page - Sumida Corporation CD43 Datasheet HTML 5Page - Sumida Corporation CD43 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
仕 様 書
形
名
CD43
1.外形
1-1.寸法図(mm)
* 公差のない寸法は、参考値とする。
1-2.捺印表示例
1-3.推奨ランド寸法(mm)
電極(端子)間の隙間はシルク処理をして御使用下さい。
2.コイル仕様
2-1.端子接続図(裏面図)
(1.0μH ~ 8.2μH)
(10μH ~ 68μH)
4.0±0.3
4.0
3.2±0.3
R1.0
4.5
シルク処理部
電極部
製造密番
頭部直捺印
捺印位置不定
1R
0
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS
1


Similar Part No. - CD43

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CD43 ECM-CD43 Datasheet
80Kb / 4P
Surface Mount Power Inductors
logo
AIT Components Ltd.
CD43 AITCOMPONENTS-CD43 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
logo
Linear Technology
CD43-100 LINER-CD43-100 Datasheet
142Kb / 8P
Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
AIT Components Ltd.
CD43-100 AITCOMPONENTS-CD43-100 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
CD43-120 AITCOMPONENTS-CD43-120 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
More results

Similar Description - CD43

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CD43 AITCOMPONENTS-CD43 Datasheet
31Kb / 1P
CD43 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com