Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD75 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CD75
Description  CD75
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD75 Datasheet(HTML) 3 Page - Sumida Corporation

  CD75 Datasheet HTML 1Page - Sumida Corporation CD75 Datasheet HTML 2Page - Sumida Corporation CD75 Datasheet HTML 3Page - Sumida Corporation CD75 Datasheet HTML 4Page - Sumida Corporation CD75 Datasheet HTML 5Page - Sumida Corporation CD75 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
仕 様 書
形
名
CD75
2-3.電気的特性Ⅱ(箱梱包の場合)
NO.
品
名
表示
インダクタンス
[以内]
※1
D.C.R.
(Ω)
[以下]
(at 20℃)
定格電流
(A)
※2
S.R.F.
(MHz)
[参考値]
スミダ
コード
22
23
24
CD75NP-1ØØKB
CD75NP-12ØKB
CD75NP-15ØKB
100K
120K
150K
10μH ± 10%
12μH ± 10%
15μH ± 10%
0.07
0.08
0.09
2.3
2.0
1.8
28
23
22
4720-0228
4720-0229
4720-0230
25
26
27
CD75NP-18ØKB
CD75NP-22ØKB
CD75NP-27ØKB
180K
220K
270K
18μH ± 10%
22μH ± 10%
27μH ± 10%
0.10
0.11
0.12
1.6
1.5
1.3
20
17
15
4720-0231
4720-0232
4720-0233
28
29
30
CD75NP-33ØKB
CD75NP-39ØKB
CD75NP-47ØKB
330K
390K
470K
33μH ± 10%
39μH ± 10%
47μH ± 10%
0.13
0.16
0.18
1.2
1.1
1.1
15
14
13
4720-0234
4720-0236
4720-0237
31
32
33
CD75NP-56ØKB
CD75NP-68ØKB
CD75NP-82ØKB
560K
680K
820K
56μH ± 10%
68μH ± 10%
82μH ± 10%
0.24
0.28
0.37
0.94
0.85
0.78
11
11
10
4720-0238
4720-0239
4720-0240
34
35
36
CD75NP-1Ø1KB
CD75NP-121KB
CD75NP-151KB
101K
121K
151K
100μH ± 10%
120μH ± 10%
150μH ± 10%
0.43
0.47
0.64
0.72
0.66
0.58
9.2
7.7
6.1
4720-0241
4720-0242
4720-0243
37
38
39
CD75NP-181KB
CD75NP-221KB
CD75NP-271KB
181K
221K
271K
180μH ± 10%
220μH ± 10%
270μH ± 10%
0.71
0.96
1.11
0.51
0.49
0.42
5.8
5.2
4.8
4720-0244
4720-0245
4720-0247
40
41
42
CD75NP-331KB
CD75NP-391KB
CD75NP-471KB
331K
391K
471K
330μH ± 10%
390μH ± 10%
470μH ± 10%
1.26
1.77
1.96
0.40
0.36
0.34
4.3
4.3
3.8
4720-0248
4720-0249
4720-0250
※1:測定周波数
L
10μH ∼ 82μH
:
at 2.52 MHz
100μH ∼470μH
:
at
1 kHz
※2:定格電流は直流重畳特性に於て、インダクタンスが初期値より-10%となる電流もしくは直流電流を
流した時のコイルの発熱が△t=40℃となる電流値の少ない方の値。 (Ta=20℃を基準とする。)
3.保存温度範囲
−40℃ ∼ +100℃
使用温度範囲
−40℃ ∼ +100℃(コイルの発熱を含む。)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com