Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHD239504 Datasheet(PDF) 2 Page - Sensitron

Part # SHD239504
Description  POWER MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD239504 Datasheet(HTML) 2 Page - Sensitron

  SHD239504 Datasheet HTML 1Page - Sensitron SHD239504 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPE
NUMBER
SOURCE
BREAKDOWN
VOLTAGE
V(BR)DSS
DRAIN
CURRENT
ID
Amps
POWER
DISSIPATION
PD
Watts
DRAIN TO
SOURCE ON
RESISTANCE
RDS(on)
THERMAL
RESISTANCE
RθJC
PART TYPE
PKG.
STYLE
Volts
25
°C
100
°C25°C
Ohms
Amps
°C/W
SHD2189
-100
-18
-11
125
.20
-11
1.0
IRF9140
SHD21810
-200
-11
-7
125
.50
-7
1.0
IRF9240
SHD-5
SHD2189A
-100
-18
-11
125
.20
-11
1.0
IRF9140
SHD21810A
-200
-11
-7
125
.50
-7
1.0
IRF9240
SHD-5A
SHD2189B
-100
-18
-11
125
.20
-11
1.0
IRF9140
SHD21810B
-200
-11
-7
125
.50
-7
1.0
IRF9240
SHD-5B
Notes:
-All ratings are at TC = 25°C unless otherwise specified.
-Maximum operating and storage temperature -55
°C to +150°C.
PINOUTS
DEVICE TYPE
PIN 1
PIN 2
PIN 3
MOSFET - SHD-5, SHD-5A, SHD-5B,
LCC-3P, SHD-6
DRAIN
SOURCE
GATE
Note: Ceramic seals and GlidCop
â
â
â
â leads available.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com