Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCR Datasheet(PDF) 2 Page - Littelfuse

Part # PCR
Description  Flashers and Tower Lighting Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PCR Datasheet(HTML) 2 Page - Littelfuse

  PCR Datasheet HTML 1Page - Littelfuse PCR Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Tower and Obstruction Lighting Controls
www.littelfuse.com/pcr
Rev: 1-A-062316
PCR SERIES
Specifications
Indication
LED indicates power is applied
Light Actuation Levels
(Factory Calibrated)
Energized: ≤ 35 fc
De-energized: ≥ 60 fc
Voltage
120VAC or 230VAC
AC Line Frequency
50/60Hz
Tolerance
120 & 230VAC
-20% - 10%
Output Rating
Two SPST NO 20A contacts
1 hp @ 120VAC
2.5 hp @ 240VAC
Termination
Screw terminals for up to #8 (M4 x 0.7)
AWG wire
Dimensions
H 159.51 mm (6.28”); W 127 mm (5.0”);
D 131.75 mm (5.19”)
Mounting
ABS plastic housing with gasket seal. Multiple
knockout holes for optional mounting to
Crouse Hinds or Hughey & Phillips cast
aluminum electrical boxes.
Operating/Storage
Temperature
-40° to 60°C / -55° to 85°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com