Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS Datasheet(PDF) 2 Page - Littelfuse

Part # PLS
Description  Protection Relays - Voltage Monitoring Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLS Datasheet(HTML) 2 Page - Littelfuse

  PLS Datasheet HTML 1Page - Littelfuse PLS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Voltage Monitoring Relays
www.littelfuse.com/pls
PLS SERIES
Specifications
Line Voltage
Type
3-phase delta or wye with no connection
to neutral
Nominal
Minimum
Maximum
Voltage
Voltage
Voltage
120VAC
95VAC
135VAC
208/240VAC
175VAC
255VAC
380/415VAC
310VAC
430VAC
440/480VAC
380VAC
500VAC
AC Line Frequency
50/60Hz
Phase Sequence
ABC
Response Times
Pull-in
≤ 300ms
Drop-out
≤ 50ms
Output
Type
Electromechanical relay, energized when the
phase sequence is correct
Form
Isolated SPDT
Rating
120 & 240VAC
10A resistive @ 240VAC
380 & 480VAC
8A resistive @ 240VAC
Maximum Voltage
250VAC
Protection
Isolation Voltage
120 & 240VAC
≥ 1500V RMS input to output
380 & 480VAC
≥ 2500V RMS input to output
Mechanical
Mounting*
Plug-in socket
Dimensions
H 81.3 mm (3.2”); W 60.7 mm (2.39”);
D 45.2 mm (1.78”)
Termination
Octal 8-pin plug-in
Environmental
Operating/Storage
Temperature
-40°to 55°C / -40° to 85°C
Weight
≅ 6 oz (170 g)
*CAUTION: Select an octal socket rated for 600VAC operation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com