Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S12P2CTC Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # DF2S12P2CTC
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S12P2CTC Datasheet(HTML) 3 Page - Toshiba Semiconductor

  DF2S12P2CTC Datasheet HTML 1Page - Toshiba Semiconductor DF2S12P2CTC Datasheet HTML 2Page - Toshiba Semiconductor DF2S12P2CTC Datasheet HTML 3Page - Toshiba Semiconductor DF2S12P2CTC Datasheet HTML 4Page - Toshiba Semiconductor DF2S12P2CTC Datasheet HTML 5Page - Toshiba Semiconductor DF2S12P2CTC Datasheet HTML 6Page - Toshiba Semiconductor DF2S12P2CTC Datasheet HTML 7Page - Toshiba Semiconductor DF2S12P2CTC Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DF2S12P2CTC
3
6.2. Clamp Voltage - Peak Pulse Current (VC - IPP) (Note)
Fig. 6.2.1
VC - IPP
Fig. 6.2.2
Based on IEC61000-4-5 8/20 µs
pulse.
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
7. Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25 �)
Characteristics
Electrostatic discharge voltage (IEC61000-4-2) (Contact)
Electrostatic discharge voltage (IEC61000-4-2) (Air)
Peak pulse power (tp = 8/20 µs)
Peak pulse current (tp = 8/20 µs)
Junction temperature
Storage temperature
Symbol
VESD
PPK
IPP
Tj
Tstg
Note
(Note 1)
(Note 2)
Rating
±30
±30
2160
60
150
-55 to 150
Unit
kV
W
A
�
�
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: According to IEC61000-4-2.
Note 2: According to IEC61000-4-5.
2022-11-02
Rev.1.0
©2018-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com