Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S20CT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # DF2S20CT
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S20CT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  DF2S20CT Datasheet HTML 1Page - Toshiba Semiconductor DF2S20CT Datasheet HTML 2Page - Toshiba Semiconductor DF2S20CT Datasheet HTML 3Page - Toshiba Semiconductor DF2S20CT Datasheet HTML 4Page - Toshiba Semiconductor DF2S20CT Datasheet HTML 5Page - Toshiba Semiconductor DF2S20CT Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DF2S20CT
2
4.
4.
4.
4. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
VRWM: Working peak reverse
voltage
VBR: Reverse breakdown voltage
IBR: Reverse breakdown current
IR: Reverse current
VC: Clamp voltage
IPP: Peak pulse current
RDYN: Dynamic resistance
Fig.
Fig.
Fig.
Fig. 4.1
4.1
4.1
4.1 Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Characteristics
Zener voltage
Dynamic impedance
Reverse current
Total capacitance
Symbol
VZ
ZZ
IR
Ct
Note
Test Condition
IZ = 5 mA
IZ = 5 mA
VR = 15 V
VR = 0 V, f = 1 MHz
Min
18.8
Typ.
9
Max
21.2
55
0.5
Unit
V
Ω
µA
pF
5.
5.
5.
5. Guaranteed ESD Protection (Note)
Guaranteed ESD Protection (Note)
Guaranteed ESD Protection (Note)
Guaranteed ESD Protection (Note)
Test Condition
IEC61000-4-2 (Contact discharge)
ESD Protection
±12 kV
Note:
Criterion: No damage to devices.
2014-04-15
Rev.4.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com