Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S23P2FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF2S23P2FU
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S23P2FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF2S23P2FU Datasheet HTML 1Page - Toshiba Semiconductor DF2S23P2FU Datasheet HTML 2Page - Toshiba Semiconductor DF2S23P2FU Datasheet HTML 3Page - Toshiba Semiconductor DF2S23P2FU Datasheet HTML 4Page - Toshiba Semiconductor DF2S23P2FU Datasheet HTML 5Page - Toshiba Semiconductor DF2S23P2FU Datasheet HTML 6Page - Toshiba Semiconductor DF2S23P2FU Datasheet HTML 7Page - Toshiba Semiconductor DF2S23P2FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DF2S23P2FU
1
ESD Protection Diodes Silicon Epitaxial Planar
DF2S23P2FU
DF2S23P2FU
DF2S23P2FU
DF2S23P2FU
Start of commercial production
2018-08
1.
1.
1.
1. General
General
General
General
The DF2S23P2FU is a TVS diode (ESD protection diode) protects semiconductor devices used in mobile device
interfaces and other applications to protect against static electricity and noise.
The DF2S23P2FU has realized high IPP, in order to protect a semiconductor devices from the indirect lightning
stroke and the transition voltage (at the time of power activation).
Furthermore, the DF2S23P2FU is housed in an standard package (2.5 mm × 1.25 mm), it can be used for various
applications.
2.
2.
2.
2. Applications
Applications
Applications
Applications
Mobile Equipment
 Smartphones
 Tablets
 Notebook PCs
Desktop PCs
Note:
This product is designed for protection against electrostatic discharge (ESD) and is not intended for any other
purpose, including, but not limited to, voltage regulation.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Suitable for use with a 20 V signal line. (VRWM ≤ 21 V)
(2)
Protects devices with its high ESD performance.
(VESD = ±30 kV (Contact / Air) @IEC61000-4-2)
(3)
Low dynamic resistance protects semiconductor devices from static electricity and noise.
(RDYN = 0.13 Ω (typ.))
(4)
Low clamping voltage characteristic protects semiconductor devices from static electricity and noise.
(VC = 30 V@IPP = 14 A (typ.))
(5)
Compact package is suitable for use in high density board layouts such as in mobile devices.
(2.5 mm × 1.25 mm size (Nickname: USC))
4.
4.
4.
4. Packaging
Packaging
Packaging
Packaging
USC
2018-08-07
Rev.2.0
©2017-2018
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - DF2S23P2FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2S23P2CTC TOSHIBA-DF2S23P2CTC Datasheet
355Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
2018-05-09 Rev.2.0
More results

Similar Description - DF2S23P2FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2B7M2CL TOSHIBA-DF2B7M2CL Datasheet
317Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B7SL TOSHIBA-DF2B7SL Datasheet
258Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2S6M4SL TOSHIBA-DF2S6M4SL Datasheet
316Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2S7MSL TOSHIBA-DF2S7MSL Datasheet
312Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B36FU TOSHIBA-DF2B36FU Datasheet
430Kb / 10P
ESD Protection Diodes Silicon Epitaxial Planar
DF10G7M1N TOSHIBA-DF10G7M1N Datasheet
281Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B5M4ASL TOSHIBA-DF2B5M4ASL Datasheet
374Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
DF2B5BSL TOSHIBA-DF2B5BSL Datasheet
329Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
2020-05-13 Rev.2.0
DF2B5M4CT TOSHIBA-DF2B5M4CT Datasheet
365Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
2017-12-21 Rev.2.0
DF2B5M5SL TOSHIBA-DF2B5M5SL Datasheet
360Kb / 9P
ESD Protection Diodes Silicon Epitaxial Planar
2018-03-12 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com