Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3D36LF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # DF3D36LF
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF3D36LF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  DF3D36LF Datasheet HTML 1Page - Toshiba Semiconductor DF3D36LF Datasheet HTML 2Page - Toshiba Semiconductor DF3D36LF Datasheet HTML 3Page - Toshiba Semiconductor DF3D36LF Datasheet HTML 4Page - Toshiba Semiconductor DF3D36LF Datasheet HTML 5Page - Toshiba Semiconductor DF3D36LF Datasheet HTML 6Page - Toshiba Semiconductor DF3D36LF Datasheet HTML 7Page - Toshiba Semiconductor DF3D36LF Datasheet HTML 8Page - Toshiba Semiconductor DF3D36LF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DF3D36FU
2
5. Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25�)
Characteristics
Electrostatic discharge voltage (IEC61000-4-2)(Contact)
Electrostatic discharge voltage (IEC61000-4-2)(Air)
Electrostatic discharge voltage (ISO10605)(Contact)
Electrostatic discharge voltage (ISO10605)(Air)
Peak pulse power (tp = 8/20 µs)
Peak pulse current (tp = 8/20 µs)
Junction temperature
Storage temperature
Symbol
VESD
VESD
PPK
IPP
Tj
Tstg
Note
(Note 1)
(Note 2)
(Note 3)
Rating
±20
±20
150
2.5
150
-55 to 150
Unit
kV
kV
W
A
�
�
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: According to IEC61000-4-2.
Note 2: According to ISO10605. (@ C = 330 pF, R = 2 kΩ)
Note 3: According to IEC61000-4-5.
2021-06-03
Rev.4.0
©2016-2021
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com