Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM20AM04F Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM20AM04F
Description  Phase leg MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20AM04F Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM20AM04F Datasheet HTML 1Page - Advanced Power Technology APTM20AM04F Datasheet HTML 2Page - Advanced Power Technology APTM20AM04F Datasheet HTML 3Page - Advanced Power Technology APTM20AM04F Datasheet HTML 4Page - Advanced Power Technology APTM20AM04F Datasheet HTML 5Page - Advanced Power Technology APTM20AM04F Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM20AM04F
APT website – http://www.advancedpower.com
1 – 6
OUT
VBUS
S1
G1
0/VBUS
G2
S2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
200
V
Tc = 25°C
372
ID
Continuous Drain Current
Tc = 80°C
278
IDM
Pulsed Drain current
1488
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
4
m
W
PD
Maximum Power Dissipation
Tc = 25°C
1250
W
IAR
Avalanche current (repetitive and non repetitive)
100
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 200V
RDSon = 4m
W max @ Tj = 25°C
ID = 372A @ Tc = 25°C
Application
·
Welding converters
·
Switched Mode Power Supplies
·
Uninterruptible Power Supplies
·
Motor control
Features
·
Power MOS 7® FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
·
Kelvin source for easy drive
·
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
·
High level of integration
Benefits
·
Outstanding performance at high frequency operation
·
Direct mounting to heatsink (isolated package)
·
Low junction to case thermal resistance
·
Low profile
Phase leg
MOSFET Power Module


Similar Part No. - APTM20AM04F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20AM04FG MICROSEMI-APTM20AM04FG Datasheet
280Kb / 6P
Phase leg MOSFET Power Module
More results

Similar Description - APTM20AM04F

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50AM19F ADPOW-APTM50AM19F Datasheet
288Kb / 6P
Phase leg MOSFET Power Module
APTM50AM35FT ADPOW-APTM50AM35FT Datasheet
301Kb / 6P
Phase leg MOSFET Power Module
APTM20AM10FT ADPOW-APTM20AM10FT Datasheet
312Kb / 6P
Phase leg MOSFET Power Module
APTM120A15F ADPOW-APTM120A15F Datasheet
303Kb / 6P
Phase leg MOSFET Power Module
APTM120A29FT ADPOW-APTM120A29FT Datasheet
313Kb / 6P
Phase Leg MOSFET Power Module
logo
Microsemi Corporation
APTM10AM05FTG MICROSEMI-APTM10AM05FTG Datasheet
285Kb / 6P
Phase leg MOSFET Power Module
APTM20AM04FG MICROSEMI-APTM20AM04FG Datasheet
280Kb / 6P
Phase leg MOSFET Power Module
APTM100A18FTG MICROSEMI-APTM100A18FTG Datasheet
291Kb / 6P
Phase leg MOSFET Power Module
APTM50A15FT1G MICROSEMI-APTM50A15FT1G Datasheet
194Kb / 5P
Phase leg MOSFET Power Module
APTM60A23FT1G MICROSEMI-APTM60A23FT1G Datasheet
193Kb / 5P
Phase leg MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com