Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM20AM05F Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTM20AM05F
Description  Phase leg MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20AM05F Datasheet(HTML) 6 Page - Advanced Power Technology

  APTM20AM05F Datasheet HTML 1Page - Advanced Power Technology APTM20AM05F Datasheet HTML 2Page - Advanced Power Technology APTM20AM05F Datasheet HTML 3Page - Advanced Power Technology APTM20AM05F Datasheet HTML 4Page - Advanced Power Technology APTM20AM05F Datasheet HTML 5Page - Advanced Power Technology APTM20AM05F Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM20AM05F
APT website – http://www.advancedpower.com
6 – 6
Delay Times vs Current
td(on)
td(off)
10
20
30
40
50
60
70
80
90
50
150
250
350
450
550
ID, Drain Current (A)
VDS=133V
RG=1.2Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
140
160
50
150
250
350
450
550
ID, Drain Current (A)
VDS=133V
RG=1.2Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
1
2
3
4
5
50
150
250
350
450
550
ID, Drain Current (A)
VDS=133V
RG=1.2Ω
TJ=125°C
L=100µH
Eon
Eoff
2
2.5
3
3.5
4
4.5
5
5.5
6
02.557.5
10
12.5
15
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=133V
ID=300A
TJ=125°C
L=100µH
0
50
100
150
200
250
300
350
30
70
110
150
190
230
270
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=133V
D=50%
RG=1.2Ω
TJ=125°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com