Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44MPA0478 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 44MPA0478
Description  43.5-46.5 GHz GaAs MMIC Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

44MPA0478 Datasheet(HTML) 2 Page - Mimix Broadband

  44MPA0478 Datasheet HTML 1Page - Mimix Broadband 44MPA0478 Datasheet HTML 2Page - Mimix Broadband 44MPA0478 Datasheet HTML 3Page - Mimix Broadband 44MPA0478 Datasheet HTML 4Page - Mimix Broadband 44MPA0478 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Amplifier Measurements
43.5-46.5 GHz GaAs MMIC
Power Amplifier
Page 2 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
44MPA0478
0 478_wafer sweep: Pout vs Freq at Pin = 20dBm
25
25.5
26
26.5
27
27.5
28
28.5
29
29.5
30
30.5
31
31.5
32
32.5
33
42.8
43
43.2
43.4
43.6
43.8
44
44.2
44.4
44.6
44.8
45
45.2
freq (GHz)
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Frequency (G Hz)
44MPA0478 Vd = 5V, Id1=Id2=360mA, Id3=720mA
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Frequency (GH z)
44MPA0478 Vd = 5V, Id1=Id2=360mA, Id3=720mA
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Frequency (GHz)
44MPA0478 Vd = 5V, Id1=I d2=360mA, Id3=720mA
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Frequency (GH z)
44MPA0478 Vd = 5V, Id1=Id2=360mA, Id3=720mA
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
April 2005 - Rev 01-Apr-05



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com