Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7348F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7348F Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7348F Datasheet HTML 1Page - Texas Instruments TMUX7348F Datasheet HTML 2Page - Texas Instruments TMUX7348F Datasheet HTML 3Page - Texas Instruments TMUX7348F Datasheet HTML 4Page - Texas Instruments TMUX7348F Datasheet HTML 5Page - Texas Instruments TMUX7348F Datasheet HTML 6Page - Texas Instruments TMUX7348F Datasheet HTML 7Page - Texas Instruments TMUX7348F Datasheet HTML 8Page - Texas Instruments TMUX7348F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 6
7.1 Absolute Maximum Ratings........................................ 6
7.2 ESD Ratings............................................................... 6
7.3 Thermal Information....................................................7
7.4 Recommended Operating Conditions.........................7
7.5 Electrical Characteristics (Global)...............................8
7.6 ±15 V Dual Supply: Electrical Characteristics.............9
7.7 ±20 V Dual Supply: Electrical Characteristics...........12
7.8 12 V Single Supply: Electrical Characteristics.......... 15
7.9 36 V Single Supply: Electrical Characteristics.......... 18
7.10 Typical Characteristics............................................ 21
8 Parameter Measurement Information.......................... 28
8.1 On-Resistance.......................................................... 28
8.2 Off-Leakage Current................................................. 28
8.3 On-Leakage Current................................................. 29
8.4 Input and Output Leakage Current Under
Overvoltage Fault........................................................ 29
8.5 Break-Before-Make Delay.........................................30
8.6 Enable Delay Time....................................................31
8.7 Transition Time......................................................... 31
8.8 Fault Response Time................................................32
8.9 Fault Recovery Time.................................................32
8.10 Fault Flag Response Time......................................33
8.11 Fault Flag Recovery Time....................................... 33
8.12 Charge Injection......................................................34
8.13 Off Isolation.............................................................34
8.14 Crosstalk................................................................. 35
8.15 Bandwidth............................................................... 36
8.16 THD + Noise........................................................... 36
9 Detailed Description......................................................37
9.1 Overview................................................................... 37
9.2 Functional Block Diagram......................................... 37
9.3 Feature Description...................................................38
9.4 Device Functional Modes..........................................41
10 Application and Implementation................................ 44
10.1 Application Information........................................... 44
10.2 Typical Application.................................................. 44
11 Power Supply Recommendations..............................46
12 Layout...........................................................................46
12.1 Layout Guidelines................................................... 46
12.2 Layout Example...................................................... 46
13 Device and Documentation Support..........................49
13.1 Documentation Support.......................................... 49
13.2 Receiving Notification of Documentation Updates..49
13.3 Support Resources................................................. 49
13.4 Trademarks.............................................................49
13.5 Electrostatic Discharge Caution..............................49
13.6 Glossary..................................................................49
14 Mechanical, Packaging, and Orderable
Information.................................................................... 49
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (April 2022) to Revision A (November 2022)
Page
• Changed the status of the WQFN and TSSOP (20) package for the TMUX7349F device from: Preview to:
Active ................................................................................................................................................................. 1
TMUX7348F, TMUX7349F
SCDS400A – MARCH 2022 – REVISED NOVEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7348F TMUX7349F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com