Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRP-RMM-UNO2372 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ESRP-RMM-UNO2372
Description  Intel Atom/Celeron Small-Size Modular Box Platform with 2 GbE,4 USB, 4 COM, 2 mPCIe, HDMI, DP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ESRP-RMM-UNO2372 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ESRP-RMM-UNO2372 Datasheet HTML 1Page - Advantech Co., Ltd. ESRP-RMM-UNO2372 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Control Cabinet PCs
Features
ESRP-RMM-UNO2372
Intel Atom/Celeron Small-Size Modular
Box Platform with 2 GbE,4 USB, 4 COM,
2 mPCIe, HDMI, DP
ƒ LAN Ports
2 x RJ45, 10/100/1000 Mbps IEEE 802.3u 1000BASE-T Fast
Ethernet
ƒ USB Ports
1 x USB 3.0, 3 x USB 2.0 Compliant
ƒ Displays
1 x HDMI 1.4 (1920x1080@60Hz)
1 x DP 1.1 (2560x1600@60Hz)
ƒ Power Connector
1 x 2 Pins, Terminal Block
Environment
ƒ Operating Temperature
-20 ~ 60°C (-4 ~ 140°F) @ 5 ~ 85% RH with 0.7m/s
airflow
ƒ Storage Temperature
- 40 ~ 85°C ( -40 ~ 185°F)
ƒ Relative Humidity
10 ~ 95% RH @ 40°C, non-condensing
ƒ Shock Protection
Operating, IEC 60068-2-27, 50G, half sine, 11ms
ƒ Vibration Protection
Operating, IEC 60068-2-64, 2Grms, random, 5 ~ 500Hz, 1hr/
axis (mSATA)
Operating, IEC 60068-2-64, 0.75Grms, random,
5 ~ 500Hz, 1hr/axis (HDD)
ƒ Ingress Protection
IP40
Installation Scenario
ƒ Intel Atom E3845/Celeron® J1900 Quad-Core processors with 4G DDR3L
memory
ƒ Robust and cableless design with high stability
ƒ 2 x GbE, 4 x USB, 4 x RS-232/422/485, 1 x HDMI, 1 x DP
ƒ Modular design with flexibility to extend second stack for function
enhancement
ƒ Compact size with fanless design
ƒ Rubber stopper design for stand mount and optional kit for DIN-rail mount,
and VESA mount
ƒ Optional 3G/GPS/GPRS/Wi-Fi communication
ƒ Supports WISE-PaaS/DeviceOn and WISE-Marketplace
Specifications
General
ƒ Certification
CE, FCC, UL, CCC, BSMI
ƒ Dimensions (W x D x H)
Single stack: 150 x 105 x 35mm
Double Stack: 150 x 105 x 65mm
ƒ Form Factor
Small Size
ƒ Enclosure
Aluminum Housing
ƒ Mounting
Stand, Wall, VESA (Optional), DIN-rail (Optional)
ƒ Weight (Net)
1.0kg (2.2lbs)
ƒ Power Requirement
10 - 36VDC
ƒ Power Consumption
30W (Typical), 42W (Max)
ƒ OS Support
Windows 10 IoT Enterprise LTSC
System Hardware
ƒ BIOS
AMI UEFI64 Mbit
ƒ Watchdog Timer
Programmable 255 levels timer interval, from 1 to 255 sec
ƒ Hardware Security
TPM2.0 (UNO-2372G-J Series)
ƒ Processor
Intel® Atom Quad Core E3845 1.91GHz /
Intel® Celeron® Quad Core J1900, 2GHz
ƒ Memory
Built-in 4GB DDR3L 1333MHz (Up to 8GB)
ƒ Graphics Engine
Intel HD Graphics
ƒ Ethernet
Intel® i210-IT GbE, 802.1Qav, 802.1AS, 802.3az
ƒ LED Indicators
LEDs for Power, RTC battery, LAN (Active, Status) and HDD
ƒ Storage
1 x mSATA with Built-in 120GB mSATA SATAIII 3DTLC SSD
(Shared with mPCIe slot)
1 x drive bay for SATA 2.5" HDD (Compatible with 9.5mm
height HDD)
ƒ Expansion
2 x Full size mPCIe slots
I/O Interfaces
ƒ Serial Ports
4 x RS232/422/485, DB9, 50 ~ 115.2kbps
Introduction
The ESRP-RMM-UNO2372 edge intelligence computer is built to extend cloud intelligence and analytics to edge devices. ESRP-RMM-UNO2372 enables stream analytics, machine
learning, image recognition, and high-value AI modules to be deployed from the Azure cloud to the edge in order to support diverse applications. All data are collected and delivered
to the cloud by WISE-EdgeLink and secured by key encryption technology provided by the embedded security chip. With WISE-DeviceOn software, users are able to access manage
the system remotely and deploy WISE-Marketplace I.App products.
NEW
DIN-rail Mount Illustration
VESA Mount Illustration
UNO-2372G-E022AE
UNO-2372G-E021AE
Device Management
ƒ Remote Monitoring & Control
ƒ Device Onboarding & Registration
Edge Intelligence
ƒ Real-Time Data Processing
ƒ Data Analysis & Filtering
Connectivity Service
ƒ Industrial Protocol Connectivity
ƒ Plug-n-Play Peripherals
Cloud Integration
ƒ Pre-Configured with Azure, Ali, AWS
ƒ Data Intelligence & AI Enabling
System Security
ƒ McAfee Application Control
ƒ Acronis Backup Recovery
WISE-Marketplace Integration
ƒ Over 200+ I.App Offerings
ƒ Easy to Purchase and Deploy
WISE-DeviceOn Function Highlights
All product specifications are subject to change without notice.
Last updated: 15-Jul-2020


Similar Part No. - ESRP-RMM-UNO2372

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ESRP-RMM-UNO247 ADVANTECH-ESRP-RMM-UNO247 Datasheet
579Kb / 2P
IoT Edge Computer with Intel® Celeron® J3455 Processor, 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, and 1 x VGA
15-Jul-2020
ESRP-RMM-UNO2484 ADVANTECH-ESRP-RMM-UNO2484 Datasheet
1Mb / 3P
Regular-Size Modular Box Platform (MBP) with Intel® Core™ i5-7300U Processor, 4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
15-Jul-2020
More results

Similar Description - ESRP-RMM-UNO2372

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX530-840-FL AXIOMTEK-EBOX530-840-FL Datasheet
608Kb / 2P
Fanless Embedded System with Intel Atom Processor E3825 1.33 GHz, VGA or HDMI, GbE LAN, 2 COM and 4 USB
EBOX620-841-FL AXIOMTEK-EBOX620-841-FL Datasheet
221Kb / 1P
Fanless Embedded System with Intel Atom Processor E3845 1.91GHz, HDMI, VGA, 2 GbE LAN, 4 USB and 4 COM
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL Datasheet
196Kb / 1P
Fanless Embedded System with Intel Atom Processor E3826 1.46GHz, HDMI, VGA, 2 GbE LAN, 4 USB and 2 COM
logo
Advantech Co., Ltd.
UNO-2372G ADVANTECH-UNO-2372G_V01 Datasheet
823Kb / 3P
Intel Atom/Celeron Small-Size Modular Box Platform with 2 GbE,4 USB, 4 COM, 2 mPCIe, HDMI, DP
4-Oct-2019
ESRP-RMM-UNO2484 ADVANTECH-ESRP-RMM-UNO2484 Datasheet
1Mb / 3P
Regular-Size Modular Box Platform (MBP) with Intel® Core™ i5-7300U Processor, 4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
15-Jul-2020
UNO-1372G-J ADVANTECH-UNO-1372G-J Datasheet
1Mb / 2P
Intel® Celeron® J1900 Small-Size DIN-rail Control PC, 4G DDR3L, 2 GbE, iso. 4 COM, 4 DI, 4 DO, 4 USB, HDMI, DP, TPM2.0
6-Jan-2021
UNO-2272G ADVANTECH-UNO-2272G Datasheet
737Kb / 2P
Intel® Atom™/Celeron® Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA/HDMI
6-Jan-2021
UNO-2484G ADVANTECH-UNO-2484G Datasheet
679Kb / 2P
Intel® Core™ i7 Regular-Size Modular Box Platform with 4 x GbE, 5 x HDMI, 1 x DP
7-Jan-2021
UNO-2372G-V2 ADVANTECH-UNO-2372G-V2 Datasheet
918Kb / 4P
Compact Modular Box PC with Intel® Celeron® Processor, 2 x GbE, 4 x USB, 4 x COM, 2 x M.2, 1 x mPCIe, 1 x HDMI 1.4, 1 x DP 1.4
2-Dec-2022
UNO-2484G-V2 ADVANTECH-UNO-2484G-V2 Datasheet
984Kb / 4P
Intel® Core™ 11th i7/i5/i3/Celeron® Processor Modular Box PC with 4 x GbE, 4 x USB, 2 x M.2, 2 x mPCIe, HDMI 1.4, DP1.4a
2-Dec-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com