Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST1280C..K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-ST1280C..K
Description  Phase Control Thyristors (Hockey-PUK Version), 2310 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST1280C..K Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-ST1280C..K Datasheet HTML 1Page - Vishay Siliconix VS-ST1280C..K Datasheet HTML 2Page - Vishay Siliconix VS-ST1280C..K Datasheet HTML 3Page - Vishay Siliconix VS-ST1280C..K Datasheet HTML 4Page - Vishay Siliconix VS-ST1280C..K Datasheet HTML 5Page - Vishay Siliconix VS-ST1280C..K Datasheet HTML 6Page - Vishay Siliconix VS-ST1280C..K Datasheet HTML 7Page - Vishay Siliconix VS-ST1280C..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-ST1280C..K Series
www.vishay.com
Vishay Semiconductors
Revision: 21-Sep-17
1
Document Number: 93718
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Phase Control Thyristors
(Hockey-PUK Version), 2310 A
FEATURES
• Center amplifying gate
• Metal case with ceramic insulator
• International standard case K-PUK (A-24)
• High profile hockey PUK
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
IT(AV)
2310 A
VDRM/VRRM
400 V, 600 V
VTM
1.44 V
IGT
100 mA
TJ
-40 °C to +125 °C
Package
K-PUK (A-24)
Circuit configuration
Single SCR
K-PUK (A-24)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
2310
A
Ths
55
°C
IT(RMS)
4150
A
Ths
25
°C
ITSM
50 Hz
42 500
A
60 Hz
44 500
I2t
50 Hz
9027
kA2s
60 Hz
8240
VDRM/VRRM
400 to 600
V
tq
Typical
200
μs
TJ
-40 to +125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
VS-ST1280C..K
04
400
500
100
06
600
700


Similar Part No. - VS-ST1280C..K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST1280C04K0 VISHAY-VS-ST1280C04K0 Datasheet
214Kb / 9P
Phase Control Thyristors
18-Dec-13
VS-ST1280C04K1 VISHAY-VS-ST1280C04K1 Datasheet
191Kb / 8P
Phase Control Thyristors (Hockey-PUK Version), 2310 A
21-Sep-17
VS-ST1280C06K0 VISHAY-VS-ST1280C06K0 Datasheet
191Kb / 8P
Phase Control Thyristors (Hockey-PUK Version), 2310 A
21-Sep-17
VS-ST1280C06K0L VISHAY-VS-ST1280C06K0L Datasheet
191Kb / 8P
Phase Control Thyristors (Hockey-PUK Version), 2310 A
21-Sep-17
VS-ST1280C06K1 VISHAY-VS-ST1280C06K1 Datasheet
191Kb / 8P
Phase Control Thyristors (Hockey-PUK Version), 2310 A
21-Sep-17
More results

Similar Description - VS-ST1280C..K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST1280C04K0L VISHAY-ST1280C04K0L Datasheet
116Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 2310 A
11-Aug-08
ST1280C..K VISHAY-ST1280C..K Datasheet
133Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 2310 A
11-Aug-08
VS-ST1280CK VISHAY-VS-ST1280CK Datasheet
192Kb / 8P
Phase Control Thyristors (Hockey-PUK Version), 2310 A
21-Sep-17
VS-ST1280CK VISHAY-VS-ST1280CK_V01 Datasheet
191Kb / 8P
Phase Control Thyristors (Hockey-PUK Version), 2310 A
21-Sep-17
S-ST1280CK VISHAY-S-ST1280CK Datasheet
191Kb / 8P
Phase Control Thyristors (Hockey-PUK Version), 2310 A
21-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com