Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBDN25P008CUT Datasheet(PDF) 1 Page - Belden Inc.

Part # IBDN25P008CUT
Description  Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

IBDN25P008CUT Datasheet(HTML) 1 Page - Belden Inc.

  IBDN25P008CUT Datasheet HTML 1Page - Belden Inc. IBDN25P008CUT Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: IBDN25P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
Product Description
Category 5e Premise Backbone Cable (100MHz), 25 Pair, 24 AWG Solid Bare Copper Conductors, U/UTP, Plenum-CMP, PVC-LS Jacket
Technical Specifications
Product Overview
Suitable Applications:
Premise Backbone Cable, Ethernet 1000BASE-T, Ethernet 100BASE-TX, Ethernet 10BASE-T, PoE++, PoE+, PoE
Construction Details
Conductor
Size
Stranding
Material
Number of Pairs
24 AWG Solid
BC - Bare Copper 25
Insulation
Material
Color Code
FEP - Fluorinated Ethylene Propylene Western Electric (Non-Striped)
Outer Jacket
Material
Nom. Diameter
Ripcord
FEP - Fluorinated Ethylene Propylene 0.478 in (12.1 mm) Yes
Overall Cable Diameter (Nominal):
0.478 in (12.1 mm)
Electrical Characteristics
Electricals
Max. Conductor DCR
Max. Capacitance Unbalance
93.8 Ohm/km (28.6 Ohm/1000ft) 330 pF/100m
Delay
Frequency
Max. Delay
Max. Delay Skew Nom. Velocity of Prop.
100 MHz
537.6 ns/100m 45 ns/100m
72%
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation) Min. PSNEXT [dB] Min. RL (Return Loss) [dB] Max./Min. Fitted Impedance [Ohm]
1
2.0 dB/100m
62.3
20.0
100 ± 15%
4
4.1 dB/100m
53.3
23.0
100 ± 15%
8
5.8 dB/100m
48.8
24.5
100 ± 15%
10
6.5 dB/100m
47.3
25.0
100 ± 15%
16
8.2 dB/100m
44.3
25.0
100 ± 15%
20
9.3 dB/100m
42.8
25.0
100 ± 15%
25
10.4 dB/100m
41.3
24.3
100 ± 15%
31.25
11.7 dB/100m
39.9
23.6
100 ± 15%
62.5
17.0 dB/100m
35.4
21.5
100 ± 15%
100
22.0 dB/100m
32.3
20.1
100 ± 15%
Voltage


Similar Part No. - IBDN25P008CUT

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
IBDN25R BELDEN-IBDN25R Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
IBDN25R006500 BELDEN-IBDN25R006500 Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
IBDN25R0081000 BELDEN-IBDN25R0081000 Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
IBDN25R0085000 BELDEN-IBDN25R0085000 Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
IBDN25R008CUT BELDEN-IBDN25R008CUT Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
More results

Similar Description - IBDN25P008CUT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001173 ETC2-PP001173 Datasheet
202Kb / 2P
Cat 5e 25-Pair UTP LSZH Backbone Cable
logo
Belden Inc.
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1213F BELDEN-1213F Datasheet
166Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
DIW25 BELDEN-DIW25 Datasheet
150Kb / 2P
Category 3 Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
DPLN25 BELDEN-DPLN25 Datasheet
174Kb / 2P
Category 3 Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
DPLN100 BELDEN-DPLN100 Datasheet
177Kb / 2P
Category 3 Backbone Cable, 100 Pair, U/UTP, CMP
2022 Belden, Inc
DPLN200 BELDEN-DPLN200 Datasheet
177Kb / 2P
Category 3 Backbone Cable, 200 Pair, U/UTP, CMP
2022 Belden, Inc
DPLN50 BELDEN-DPLN50 Datasheet
175Kb / 2P
Category 3 Backbone Cable, 50 Pair, U/UTP, CMP
2022 Belden, Inc
IBDN25R BELDEN-IBDN25R Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com