Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBDN25R008CUT Datasheet(PDF) 2 Page - Belden Inc.

Part # IBDN25R008CUT
Description  Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

IBDN25R008CUT Datasheet(HTML) 2 Page - Belden Inc.

  IBDN25R008CUT Datasheet HTML 1Page - Belden Inc. IBDN25R008CUT Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UL Voltage Rating
300 V (CMR)
Mechanical Characteristics
Temperature
UL Temperature
Operating
Installation
Storage
60°C
-30°C To +60°C 0°C To +60°C -30°C To +60°C
Bend Radius
Stationary Min.
Installation Min.
5.25 in (133 mm) 10.25 in (260.4 mm)
Max. Pull Tension:
150 lbs (68 kg)
Bulk Cable Weight:
146 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Riser, Indoor
Flammability / Reaction to Fire:
UL1666 Riser, FT4, FT4
CPR Compliance:
CPR Euroclass: Fca; CPR UKCA Class: Fca
NEC / UL Compliance:
CMR
CEC / C(UL) Compliance:
CMR
ICEA Compliance:
S-90-661
NEMA Compliance:
NEMA WC-63.1
Data Category:
Category 5e
TIA/EIA Compliance:
ANSI/TIA-568.2-D Category 5e
Third Party Performance
Verification:
Category 5e
ISO/IEC Compliance:
ISO/IEC 11801-1, IEC 61156-5
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE), REACH: 2020-01-16
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
IBDN25P
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Print Includes Descending Footage/Meter
Markings.
History
Update and Revision:
Revision Number: 0.434 Revision Date: 11-09-2022
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC
IBDN25R 006500
Blue
Reel
500 ft
612825061922
IBDN25R 006500
Blue
Reel
500 ft
612825061922
IBDN25R 008CUT
Gray
Cut to Length
612825061908
IBDN25R 008CUT
Gray
Cut to Length 1 ft
612825061908
IBDN25R 0081000 Gray
Reel
1,000 ft 612825061915
IBDN25R 0081000 Gray
Reel
1,000 ft 612825061915
IBDN25R 0085000 Gray
Reel
5,000 ft 612825061946
© 2022 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com