Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA6ASFL Datasheet(PDF) 2 Page - Belden Inc.

Part # MA6ASFL
Description  MarineTuff Cat 6A, S/FTP, 4 Pr 23 BC,FMPE Ins, LSZH, Indoor, LR certified
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

MA6ASFL Datasheet(HTML) 2 Page - Belden Inc.

  MA6ASFL Datasheet HTML 1Page - Belden Inc. MA6ASFL Datasheet HTML 2Page - Belden Inc. MA6ASFL Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max DCR Unbalanced Between Pairs [%] Max. DCR Unbalanced Within Pair [%]
95 Ohm/km
4 %
2 %
Capacitance
Max. Capacitance Unbalance Max. Mutual Capacitance
160 pF/100m
56 pF/m
Insulation Resistance:
5000 MOhm.m
Impedance
Nominal Characteristic Impedance
100 Ohm ± 20
Delay
Max. Delay Skew Nominal Velocity of Propagation (VP) [%]
45 ns/100m
77%
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min.
NEXT
[dB]
Min.
PSNEXT
[dB]
Min.
ACR
[dB]
Min.
PSACR
[dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL
(Return Loss)
[dB]
Min.
PSANEXT
Min.
PSAACRF
Min.
TCL [dB]
Min.
ELTCTL [dB]
1 MHz
2.1 dB/100m
75.3 dB
72.3 dB
73.2 dB
70.2 dB
68 dB
65 dB
20 dB
67 dB
67 dB
40 dB
35 dB
4 MHz
3.8 dB/100m
66.3 dB
63.3 dB
62.5 dB
59.5 dB
56 dB
53 dB
23 dB
67 dB
66.2 dB
34 dB
23 dB
10 MHz
5.9 dB/100m
60.3 dB
57.3 dB
54.4 dB
51.4 dB
48 dB
45 dB
25 dB
67 dB
58.2 dB
30 dB
15 dB
16 MHz
7.5 dB/100m
57.2 dB
54.2 dB
49.7 dB
46.7 dB
43.9 dB
40.9 dB
25 dB
67 dB
54.1 dB
28 dB
10.9 dB
31.3 MHz
10.5 dB/100m
52.9 dB
49.9 dB
42.4 dB
39.4 dB
38.1 dB
35.1 dB
23.6 dB
67 dB
48.3 dB
25.1 dB
5.1 dB
62.5 MHz
15.0 dB/100m
48.4 dB
45.4 dB
33.4 dB
30.4 dB
32.1 dB
29.1 dB
21.5 dB
65.6 dB
42.3 dB
22 dB
100 MHz
19.1 dB/100m
45.3 dB
42.3 dB
26.2 dB
23.2 dB
28 dB
25 dB
20.1 dB
62.5 dB
38.2 dB
20 dB
125 MHz
21.5 dB/100m
43.8 dB
40.8 dB
22.3 dB
19.3 dB
26.1 dB
23.1 dB
19.4 dB
61 dB
36.3 dB
19 dB
200 MHz
27.6 dB/100m
40.8 dB
37.8 dB
13.2 dB
10.2 dB
22 dB
19 dB
18 dB
58 dB
32.2 dB
17 dB
250 MHz
31.1 dB/100m
39.3 dB
36.3 dB
8.2 dB
5.2 dB
20 dB
17 dB
17.3 dB
56.5 dB
30.2 dB
16 dB
350 MHz
37.3 dB/100m
37.1 dB
34.1 dB
17.1 dB
14.1 dB
17.3 dB
54.3 dB
27.3 dB
500 MHz
45.3 dB/100m
34.8 dB
31.8 dB
14 dB
11 dB
17.3 dB
52 dB
24.2 dB
Table Notes:
Limits below 4 MHz are for information only. Reference standard: ISO/IEC 61156-5 ed. 2.0 (2009)
Coupling Attenuation Class:
Type Ib
Transfer Impedance Class:
Grade 2
Voltage
Voltage Rating [V]
72 V DC
Temperature Range
Installation Temperature Range:
-5°C To +80°C
Operating Temperature Range:
-40°C To +80°C
Mechanical Characteristics
Bending Test:
Low temperature bending test -40 °C : No cracks
Pressure Test for Jacket:
Test at high temperature IEC 60811-508 80±2 °C 4h : ≤ 50 %
Heat Stroke Test:
Heat Shock test at (150±3°C ,1h) : No cracks
Bulk Cable Weight:
63.05 kg/km
Min. Bend Radius During Installation:
10*D
Standards
ISO/IEC Compliance:
ISO/IEC 11801-2, IEC 60092-360
CENELEC Compliance:
EN 50173-1
Data Category:
Category 6A
ANSI Compliance:
ANSI/TIA 568.2-D (2018)
IEEE Compliance:
IEEE 802.3bt Type 1, Type 2, Type 3, Type 4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com