Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSF72 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSF72
Description  SM Monolithic Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSF72 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSF72 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Monolithic Filter
GSF-72
06 Sep 2005
Model
Centre
Number
Pass Band
Attenuation
In-Band
Insertion
Guaranteed
Termination
Operating
No of
Number
Frequency
of Poles
(dB @ kHz)
Band
Ripple
Loss
Attenuation
(
// pF)
Temperature
Units
(MHz)
(dB @ kHz)
(dB)
(dB)
(dB @ kHz)
Range (°C)
Product name + model number
eg: GSF-72 21S15A
GSF-72 21S30B
Option code X (eg GSF-72/X) denotes a custom spec.
Ordering Information
Available on T&R - 1k or 3k pcs per reel.
Refer to our website for T&R and soldering details.
Features
« Frequencies up to 70.0MHz available
« Custom specifications available
« Miniature SM package
4-pole models are supplied as two matched units.
21.4MHz Standard Specifications
7.20
(max)
5.20
(max)
1.20
(max)
1.00
1.20
1
2
3
4
5
6
ACTUAL SIZE
2.54
PAD
1
2
3
4
5
6
CONNECTION
Ground
Not connected
In / Out
Ground
Not connected
Out / In
SOLDER PAD LAYOUT
1.40
1.40
2.00 4.00 2.00
1.14
TOP VIEW
2.00
Scale 2:1
21S7A
21.400
2
3
±3.75
18
±18.0
1.0
1.5
50
-910 ±10
850 // 6.0
-20 to +60
1
21S7B
21.400
4
3
±3.75
35
±14.0
1.0
2.5
80
-910 ±10
850 // 3.5
-20 to +60
2
(C
C=15.0pF)
21S12A
21.400
2
3
±6.0
18
±25.0
1.0
1.5
50
-910 ±10
1200 // 3.0
-20 to +60
1
21S12B
21.400
4
3
±6.0
35
±20.0
1.0
2.5
80
-910 ±10
1200 // 1.5
-20 to +60
2
(C
C=7.5pF)
21S15A
21.400
2
3
±7.5
15
±25.0
1.0
1.5
50
-910 ±10
1500 // 2.0
-20 to +60
1
21S15B
21.400
4
3
±7.5
35
±25.0
1.0
2.5
80
-910 ±10
1500 // 0.5
-20 to +60
2
(C
C=5.0pF)
21S20A
21.400
2
3
±10.0
15
±34.0
1.0
2.0
50
-910 ±10
1800 // 0.5
-20 to +60
1
21S20B
21.400
4
3
±10.0
35
±34.0
1.0
2.5
80
-910 ±10
1800 // -1.0
-20 to +60
2
(C
C=3.0pF)
21S30A
21.400
2
3
±15.0
15
±45.0
1.0
1.5
50
-910 ±10
3000 // 0.0
-20 to +60
1
21S30B
21.400
4
3
±15.0
35
±50.0
1.0
2.5
80
-910 ±10
3000 // -1.5
-20 to +60
2
(C
C=3.0pF)


Similar Part No. - GSF72

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSF71 GOLLEDGE-GSF71 Datasheet
49Kb / 1P
SM Monolithic Filter
GSF74 GOLLEDGE-GSF74 Datasheet
55Kb / 1P
SM Monolithic Filter 3 poles
GSF75 GOLLEDGE-GSF75 Datasheet
51Kb / 1P
SM Monolithic Filter
More results

Similar Description - GSF72

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF10.7-1200-01 VECTRON-MQF10.7-1200-01 Datasheet
54Kb / 1P
Monolithic crystal filter
MQF10.7-1680-04 VECTRON-MQF10.7-1680-04 Datasheet
62Kb / 1P
Monolithic crystal filter
logo
Golledge Electronics Lt...
GSF61 GOLLEDGE-GSF61 Datasheet
48Kb / 1P
SM Monolithic Filter
GSF71 GOLLEDGE-GSF71 Datasheet
49Kb / 1P
SM Monolithic Filter
GSF74 GOLLEDGE-GSF74 Datasheet
55Kb / 1P
SM Monolithic Filter 3 poles
GSF75 GOLLEDGE-GSF75 Datasheet
51Kb / 1P
SM Monolithic Filter
CFUKFG GOLLEDGE-CFUKFG Datasheet
48Kb / 1P
SM CERAMIC FILTER
logo
List of Unclassifed Man...
FT21M07C ETC2-FT21M07C Datasheet
227Kb / 1P
MONOLITHIC CRYSTAL FILTER
logo
Golledge Electronics Lt...
GSF-75 GOLLEDGE-GSF-75_15 Datasheet
182Kb / 1P
SM Monolithic Filter
logo
Fronter Electronics Co....
HC-49T FRONTER-HC-49T Datasheet
209Kb / 1P
MONOLITHIC CRYSTAL FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com