Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM50AM19ST Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTM50AM19ST
Description  Phase leg Schottky Series & parallel diodes MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50AM19ST Datasheet(HTML) 3 Page - Advanced Power Technology

  APTM50AM19ST Datasheet HTML 1Page - Advanced Power Technology APTM50AM19ST Datasheet HTML 2Page - Advanced Power Technology APTM50AM19ST Datasheet HTML 3Page - Advanced Power Technology APTM50AM19ST Datasheet HTML 4Page - Advanced Power Technology APTM50AM19ST Datasheet HTML 5Page - Advanced Power Technology APTM50AM19ST Datasheet HTML 6Page - Advanced Power Technology APTM50AM19ST Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APTM50AM19ST
APT website – http://www.advancedpower.com
3 – 7
Parallel diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 70°C
180
A
IF = 180A
1.6
1.8
IF = 360A
1.9
VF
Diode Forward Voltage
IF = 180A
Tj = 125°C
1.4
V
Tj = 25°C
130
trr
Reverse Recovery Time
IF = 180A
VR = 400V
di/dt = 600A/µs
Tj = 125°C
170
ns
Tj = 25°C
660
Qrr
Reverse Recovery Charge
IF = 180A
VR = 400V
di/dt = 600A/µs
Tj = 125°C
2760
nC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
Transistor
0.1
Series Diode
0.5
RthJC
Junction to Case
Parallel diode
0.32
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M5
2
3.5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
620
g
Temperature sensor NTC
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
68
k
W
B 25/85
T25 = 298.16 K
4080
K
ú
û
ù
ê
ë
é
÷÷ø
ö
ççè
æ
-
=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
T: Thermistor temperature
RT: Thermistor value at T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com