Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM50DAM38CT Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM50DAM38CT
Description  Boost chopper SiC FWD diode MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50DAM38CT Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM50DAM38CT Datasheet HTML 1Page - Advanced Power Technology APTM50DAM38CT Datasheet HTML 2Page - Advanced Power Technology APTM50DAM38CT Datasheet HTML 3Page - Advanced Power Technology APTM50DAM38CT Datasheet HTML 4Page - Advanced Power Technology APTM50DAM38CT Datasheet HTML 5Page - Advanced Power Technology APTM50DAM38CT Datasheet HTML 6Page - Advanced Power Technology APTM50DAM38CT Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTM50DAM38CT
APT website – http://www.advancedpower.com
1 – 7
CR1
VBUS
NTC2
0/VBU S
VBUS SENSE
G2
S2
NTC1
Q2
OUT
VBUS
OUT
OUT
NTC2
NTC1
0/VBUS
S2
S2
G2
G2
VBUS
SENSE
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
500
V
Tc = 25°C
90
ID
Continuous Drain Current
Tc = 80°C
67
IDM
Pulsed Drain current
360
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
38
m
W
PD
Maximum Power Dissipation
Tc = 25°C
694
W
IAR
Avalanche current (repetitive and non repetitive)
46
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
2500
mJ
VDSS = 500V
RDSon = 38m
W max @ Tj = 25°C
ID = 90A @ Tc = 25°C
Application
·
AC and DC motor control
·
Switched Mode Power Supplies
·
Power Factor Correction
Features
·
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
·
FWD SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
·
Kelvin source for easy drive
·
Very low stray inductance²
-
Symmetrical design
-
Lead frames for power connections
·
Internal thermistor for temperature monitoring
·
High level of integration
Benefits
·
Outstanding performance at high frequency operation
·
Direct mounting to heatsink (isolated package)
·
Low junction to case thermal resistance
·
Solderable terminals both for power and signal for
easy PCB mounting
·
Low profile
Boost chopper
SiC FWD diode
MOSFET Power Module


Similar Part No. - APTM50DAM38CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM50DAM38CTG MICROSEMI-APTM50DAM38CTG Datasheet
297Kb / 7P
Boost chopper SiC FWD diode MOSFET Power Module
More results

Similar Description - APTM50DAM38CT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60DAM18CTG ADPOW-APTC60DAM18CTG Datasheet
338Kb / 7P
Boost chopper SiC FWD diode Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60DAM18CTG MICROSEMI-APTC60DAM18CTG Datasheet
313Kb / 7P
Boost chopper SiC FWD diode Super Junction MOSFET Power Module
APTM50DAM38CTG MICROSEMI-APTM50DAM38CTG Datasheet
297Kb / 7P
Boost chopper SiC FWD diode MOSFET Power Module
APT17M120JCU2 MICROSEMI-APT17M120JCU2 Datasheet
115Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT17M120JCU3 MICROSEMI-APT17M120JCU3 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT20M120JCU2 MICROSEMI-APT20M120JCU2 Datasheet
115Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT26M100JCU2 MICROSEMI-APT26M100JCU2 Datasheet
114Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT58M50JCU2 MICROSEMI-APT58M50JCU2 Datasheet
116Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APTC60DDAM70CT1G MICROSEMI-APTC60DDAM70CT1G Datasheet
257Kb / 7P
Dual boost chopper Super Junction MOSFET SiC chopper diode
APTM100DA18CT1G MICROSEMI-APTM100DA18CT1G Datasheet
205Kb / 5P
Boost chopper MOSFET SiC chopper diode Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com