Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM50DHM65T Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM50DHM65T
Description  Asymmetrical - Bridge MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50DHM65T Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM50DHM65T Datasheet HTML 1Page - Advanced Power Technology APTM50DHM65T Datasheet HTML 2Page - Advanced Power Technology APTM50DHM65T Datasheet HTML 3Page - Advanced Power Technology APTM50DHM65T Datasheet HTML 4Page - Advanced Power Technology APTM50DHM65T Datasheet HTML 5Page - Advanced Power Technology APTM50DHM65T Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM50DHM65T
APT website – http://www.advancedpower.com
1 – 6
NTC2
S4
G4
VBUS SENSE
VBUS
Q1
G1
S1
OUT1
OUT2
Q4
CR3
0/VBU S
CR2
0/VBU S SENSE
NTC1
NTC2
OUT2
OUT1
VBUS
VBUS
SENSE
S4
G4
S1
NTC1
0/VBUS
0/VBUS
SENSE
G1
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
500
V
Tc = 25°C
51
ID
Continuous Drain Current
Tc = 80°C
38
IDM
Pulsed Drain current
204
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
65
m
W
PD
Maximum Power Dissipation
Tc = 25°C
390
W
IAR
Avalanche current (repetitive and non repetitive)
51
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 500V
RDSon = 65m
W max @ Tj = 25°C
ID = 51A @ Tc = 25°C
Application
·
Welding converters
·
Switched Mode Power Supplies
·
Switched Reluctance Motor Drives
Features
·
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
·
Kelvin source for easy drive
·
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
·
Internal thermistor for temperature monitoring
·
High level of integration
Benefits
·
Outstanding performance at high frequency operation
·
Direct mounting to heatsink (isolated package)
·
Low junction to case thermal resistance
·
Solderable terminals both for power and signal for
easy PCB mounting
·
Low profile
Asymmetrical - Bridge
MOSFET Power Module


Similar Part No. - APTM50DHM65T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM50DHM65T3G MICROSEMI-APTM50DHM65T3G Datasheet
199Kb / 5P
Asymmetrical - Bridge MOSFET Power Module
APTM50DHM65TG MICROSEMI-APTM50DHM65TG Datasheet
285Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
More results

Similar Description - APTM50DHM65T

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20DHM08 ADPOW-APTM20DHM08 Datasheet
290Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM20DHM16T ADPOW-APTM20DHM16T Datasheet
296Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM10DHM05 ADPOW-APTM10DHM05 Datasheet
302Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM10DHM09T ADPOW-APTM10DHM09T Datasheet
310Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM20DHM10G MICROSEMI-APTM20DHM10G Datasheet
279Kb / 6P
Asymmetrical - bridge MOSFET Power Module
APTM20DHM16TG MICROSEMI-APTM20DHM16TG Datasheet
284Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM20DHM20TG MICROSEMI-APTM20DHM20TG Datasheet
290Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM50DHM35G MICROSEMI-APTM50DHM35G Datasheet
279Kb / 6P
Asymmetrical - bridge MOSFET Power Module
APTM50DHM38G MICROSEMI-APTM50DHM38G Datasheet
279Kb / 6P
Asymmetrical - bridge MOSFET Power Module
APTM50DHM65T3G MICROSEMI-APTM50DHM65T3G Datasheet
199Kb / 5P
Asymmetrical - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com