Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF520 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # ARF520
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF520 Datasheet(HTML) 4 Page - Advanced Power Technology

  ARF520 Datasheet HTML 1Page - Advanced Power Technology ARF520 Datasheet HTML 2Page - Advanced Power Technology ARF520 Datasheet HTML 3Page - Advanced Power Technology ARF520 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ARF520
L1
C1
C3
C4
C5
C2
C13
R2
R3
R1
DUT
L2
L3
C6
C12
C9
C10
C11
L4
+125V
RF
Output
RF
Input
C1 - Arco 406 Mica trimmer
C2 - 220pF Semco metal clad
C3 - Arco 464 Mica trimmer
C4 - 820 pF ATC 700B
C5- 1000 pF ATC 700B
C6 - Arco 463 Mica trimmer
C7-C10 10nF 500V chip
C11-C13 1nF NPO 500V
TL1 - .23" x 1.5" stripline
L1 -- 2t #18 .3" ID .2"L ~50nH
L2 -- 3t #16 AWG .31" ID .3"L ~65nH
L3 -- 10t #22 AWG .25 ID ~470nH
L4 -- VK200-4B ferrite choke ~3uH
R1-R3 -- 1k Ohm 1/4W Carbon
DUT = ARF520
81.36 MHz Test Circuit
Bias
0 - 12V
C7
C8
TL1
.5" SOE Package Outine
Controlling Dimension: INCH.
A
U
M
M
Q
R
B
1
4
3
2
D
K
E
Seating Plane
C
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.960
0.990
24.39
25.14
B
0.465
0.510
11.82
12.95
C
0.229
0.275
5.82
6.98
D
0.216
0.235
5.49
5.96
E
0.084
0.110
2.14
2.79
H
0.144
0.178
3.66
4.52
J
0.003
0.007
0.08
0.17
K
0.435
11.0
M45˚ NOM
45˚ NOM
Q
0.115
0.130
2.93
3.30
R
0.246
0.255
6.25
6.47
U
0.720
0.730
18.29
18.54
PIN 1. SOURCE
2. GATE
3. SOURCE
4. DRAIN
ARF520 Test Fixture
4-17-02 rf
Gate Bias
Vdd Power
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
HAZARDOUS MATERIAL WARNING
The ceramic portion of the
device between
leads and mounting surface is beryllium oxide,
BeO.
Beryllium oxide dust is toxic when in-
haled.
Care must be taken during handling
and mounting to avoid damage to this area .
These devices must never be thrown away
with general industrial or domestic waste.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com