Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF521 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF521
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF521 Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF521 Datasheet HTML 1Page - Advanced Power Technology ARF521 Datasheet HTML 2Page - Advanced Power Technology ARF521 Datasheet HTML 3Page - Advanced Power Technology ARF521 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARF521
TC,CASETEMPERATURE(°C)
Figure 5, Typical Threshold Voltage vs Temperature
1.10
1.05
1.00
0.95
0.90
-50 -25
0
25
50
75
100 125 150
VDS,DRAIN-TO-SOURCEVOLTAGE(VOLTS)
Figure 6, Typical Output Characteristics
0
5
10
15
20
25
30
9V
7V
8V
12V
10V
11V
30
25
20
15
10
5
0
Figure 7b,TRANSIENT THERMAL IMPEDANCE MODEL
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULARPULSEDURATION(SECONDS)
FIGURE7a,MAXIMUMEFFECTIVETRANSIENTTHERMALIMPEDANCE,JUNCTION-TO-CASEvsPULSEDURATION
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
0.5
0.1
0.3
0.7
0.05
D = 0.9
0.256
0.213
0.131
0.00496F
0.0590F
0.635F
Transient Thermal Impedance RC Model
Dissipated Power
(Watts)
T
J (°C)
T
C (°C)
Z
EXT are the external thermal
impedances: Case to sink, sink to
ambient, etc. Set to zero when modeling
only the case to junction.
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Freq. (MHz)
Zin (Ω)
ZOL (Ω)
2.0
13.5
27
40
65
80
100
24 - j 4.5
8.3 - j 11.6
2.5 - j 7.1
1.0 - j 4.2
.30 - j 1.1
.25 + j 0.3
.35 + j 1.6
55 - j 4
45 - j 22
28.7 - j 28
17.9 - j 26
9.0 - j 20.6
5.8 - j 17
4 - j 14.2
Zin - Gate shunted with 25Ω
ZOL - Conjugate of optimum load for 150 Watts output at Vdd = 125V
Idq = 50mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com