Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSX7 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX7
Description  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX7 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX7 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal
GSX-7A
15 Mar 2002
ACTUAL SIZE
2.54
1.00
1.40
1.00
1.7
1.7
3.6
1.8
TOP VIEW
SOLDER PAD LAYOUTS
6.20
(max)
3.70
(max)
1.40
(max)
Features
« Ultra miniature for maximum space saving
« All ceramic package
« Gold plated terminals
« Fundamental mode available up to 40.0MHz
Product name + frequency + circuit condition (if non-stan-
dard)
eg:
GSX-7A 30.0MHz
Option code X (eg GSX-7A/X) denotes a custom specification.
Ordering Information
GSX-7A
Option
Codes
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Specifications
Available on T&R - 1k or 2k pcs per reel.
Refer to our website for T&R and soldering details.
Standard Frequencies
Fundamental in MHz
3rd Overtone
12.000000
12.288000
14.318180
14.745600
15.000000
15.360000
16.000000
16.384000
18.432000
20.000000
22.118400
24.000000
24.576000
25.000000
29.491200
30.000000
32.000000
36.000000
40.000000
40.32000
49.15200
50.00000
56.44800
60.00000
Frequency range:
12.0 ~ 40.0MHz (fund)
40.0 ~ 67.0MHz (3rd OT)
Frequency stability:
±100ppm inclusive of
calibration tolerance
Operating temperature range:
-10 to +60°C
Storage temperature range:
-30 to +85°C
Circuit condition:
16pF (fund)
Series resonant (3rd OT)
Other
specify
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
60
(12.0 ~ <16.0MHz)
40
(16.0 ~ 40.0MHz)
70
(>40.0 ~ 67.0MHz, 3rd OT)
Ageing:
±5ppm max first year
Test drive level:
100µW
Soldering condition:
260°C, 10 sec x2 max


Similar Part No. - GSX7

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
SM Crystal Metal Lid
GSX752 GOLLEDGE-GSX752 Datasheet
58Kb / 1P
SM Crystal Ceramic Lid
More results

Similar Description - GSX7

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
SM CRYSTAL
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com