Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1051 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1051
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1051 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1051 Datasheet HTML 1Page - Advanced Power Technology MS1051 Datasheet HTML 2Page - Advanced Power Technology MS1051 Datasheet HTML 3Page - Advanced Power Technology MS1051 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS1051
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 100mA
IE = 0mA
36
---
---
V
BVCES
IC = 100mA
VBE = 0V
36
---
---
V
BVCEO
IC = 10mA
IB = 0mA
18
---
---
V
BVEBO
IE = 20mA
IC = 0mA
4.0
---
---
V
ICES
VCE = 15V
IC = 0mA
---
---
20
mA
hFE
VCE = 5V
IC = 5A
20
---
200
---
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 30 MHz
VCE = 12.5 V
ICQ = 150mA
100
---
---
W
GP
f = 30 MHz
VCE = 12.5 V
ICQ = 150mA
11
13
---
dB
IMD3*
POUT = 100 W PEP
VCE = 12.5 V
ICQ = 150mA
---
---
-30
dBc
COB
f = 1 MHz
VCB = 12.5 V
---
400
---
pf
Condition
s
f1 = 30.000MHz
f2 = 30.001MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com