Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1278 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1278
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1278 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1278 Datasheet HTML 1Page - Advanced Power Technology MS1278 Datasheet HTML 2Page - Advanced Power Technology MS1278 Datasheet HTML 3Page - Advanced Power Technology MS1278 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS1278.PDF 5-28-03
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1278
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 50mA
IE = 0mA
65
---
---
V
BVCER
IC = 50mA
RBE = 15
Ω
Ω
60
---
---
V
BVCEO
IC = 50mA
IB = 0mA
33
---
---
V
BVEBO
IE = 5mA
IC = 0mA
3.5
---
---
V
HFE
VCE = 5V
IC = 500mA
20
---
150
---
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 225 MHz
VCE = 28 W
IC = 2 x 100 mA
100
---
---
W
GP
f = 225 MHz
VCE = 28 W
IC = 2 x 100 mA
11
---
---
dB
ηη
C
f = 225 MHz
VCE = 28 W
IC = 2 x 100 mA
70
---
---
%
COB
f = 1 MHz
VCB = 28 V
---
---
75
pf
Note: * dB compression
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
170 MHz
1.3 + j0.6
9.5 - j10.0
200 MHz
1.0 + j1.0
9.0 - j8.0
230 MHz
0.9 + j1.8
6.3 - j6.5
POUT = 100W
VCE = 28V
ICQ = 2 x 100mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com