Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1279 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1279
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1279 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1279 Datasheet HTML 1Page - Advanced Power Technology MS1279 Datasheet HTML 2Page - Advanced Power Technology MS1279 Datasheet HTML 3Page - Advanced Power Technology MS1279 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS1279
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 50mA
IE = 0mA
65
---
---
V
BVCER
IC = 50mA
RBE = 10
Ω
Ω
60
---
---
V
BVCEO
IC = 50mA
IB = 0mA
35
---
---
V
BVEBO
IE = 10mA
IC = 0mA
4.0
---
---
V
ICES
VCE = 50V
IE = 0mA
---
---
5
mA
HFE
VCE = 5V
IC = 1A
20
---
120
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 225 MHz
VCE = 25 W
IC = 2.5 mA
20
---
---
W
GP
f = 225 MHz
VCE = 25 W
IC = 2.5 mA
8.0
---
---
dB
IMD3
POUT = 14W
VCE = 25 W
IC = 2.5 mA
---
-55
---
dBc
COB
f =1 MHz
VCB = 30 V
---
---
85
pF
Note: * dB compression
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
150 MHz
1.0 + j1.0
9.0 + j5.0
250 MHz
1.0 + j2.0
6.0 + j6.0
VCE = 28V
IC = 2.5A
POUT = 20W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com