Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1280 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1280
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1280 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1280 Datasheet HTML 1Page - Advanced Power Technology MS1280 Datasheet HTML 2Page - Advanced Power Technology MS1280 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1280
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 100mA
IE = 0mA
60
---
---
V
BVCER
IC = 100mA
RBE = 10
Ω
Ω
60
---
---
V
BVCEO
IC = 100mA
IB = 0mA
30
---
---
V
BVEBO
IE = 20mA
IC = 0mA
4.0
---
---
V
HFE
VCE = 5V
IC = 1A
10
---
120
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 225 MHz
VCE = 28W
IC = 3.5 mA
20
---
---
W
GP
f = 225 MHz
VCE = 28W
IC = 3.5 mA
7.5
---
8.0
dB
IMD
f = 225 MHz
VCE = 28W
IC = 3.5 mA
---
-53
---
dB
COB
f =1 MHz
VCB = 30V
---
---
150
pf
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
170 MHz
0.6 + j0.7
5.9 + j3.5
200 MHz
0.55 + j0.8
5.0 + j3.0
230 MHz
0.5 + j0.9
4.2 + j2.8
POUT = 20W
VCE = 28V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com