Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1480 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1480
Description  RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1480 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1480 Datasheet HTML 1Page - Advanced Power Technology MS1480 Datasheet HTML 2Page - Advanced Power Technology MS1480 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1480
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 5 mA
IE = 0 mA
36
---
---
V
BVCES
IC= 20 mA
VBE = 0 V
36
---
---
V
BVCEO
IC = 50 mA
IB = 0 mA
16
---
---
V
BVEBO
IE = 5 mA
IC = 0 mA
4.0
---
---
V
ICES
VCE = 22 V
IE = 0 mA
---
---
5
mA
ICBO
VCB = 15 V
IE = 0 mA
---
---
5
mA
HFE
VCE = 5 V
IC = 1A
20
---
200
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 470 MHz
PIN = 14 W
VCE = 12.5V
45
---
---
W
GP
f = 470 MHz
PIN = 14 W
VCE = 12.5V
5.0
---
---
dB
COB
VCB = 12.5 V
f = 1 MHz
---
130
---
pf
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
470 MHz
1.5 – j2.8
1.4 – j2.4
512MHz
0.75 – j1.3
0.6 – j0.8
PIN = 14W
VCE =12.5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com