Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1509 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1509
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1509 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1509 Datasheet HTML 1Page - Advanced Power Technology MS1509 Datasheet HTML 2Page - Advanced Power Technology MS1509 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1509.PDF 5-28-03
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1509
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 100 mA
IE = 0 mA
60
---
---
V
BVCES
IC = 80 mA
VBE = 0 V
60
---
---
V
BVCEO
IC = 50 mA
IB = 0 mA
33
---
---
V
BVEBO
IE = 20 mA
IC = 0 mA
4.0
---
---
V
ICBO
VCB = 30 V
IE = 0 mA
---
---
10
mA
HFE
VCE = 5 V
IC = 1 mA
20
---
---
---
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 500 MHz
PIN =28.2 W
VCC = 28 V
100
---
---
W
GP
f = 500 MHz
PIN = 28.2 W
VCC = 28 V
5.5
---
---
dB
ηη
C
f = 500 MHz
PIN = 28.2 W
VCC = 28 V
55
---
---
%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com