Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1649 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1649
Description  RF & MICROWAVE TRANSISTORS UHF CLASS C MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1649 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1649 Datasheet HTML 1Page - Advanced Power Technology MS1649 Datasheet HTML 2Page - Advanced Power Technology MS1649 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Rev A: 09/16/05
MS1649
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCES
IC = 50mA
VBE = 0
36
---
---
V
BVCEO
IC = 50mA
IB = 0
16
---
---
V
BVEBO
IE = 1mA
IC = 0
3.5
---
---
V
ICES
VCB = 12.5V
VBE = 0
---
---
1.0
mA
HFE
VCE = 5.0V
IC =100mA
20
---
150
---
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
GPE
f = 470MHz
POUT = 3.0W
VCC = 12.5V
9.5
---
---
dB
η
f = 470MHz
POUT = 3.0W
VCC = 12.5V
50
---
---
%
COB
f = 1.0MHz
VCB = 12.5 V
---
---
12
pf
IMPEDANCE DATA
FREQ
ZIN(
Ω)
ZCL(
Ω)
175 MHz
3.5 + j1.2
14.0 + j10.0
470 MHz
3.3 + j3.2
11.0 + j5.7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com