Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSX13 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX13
Description  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX13 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX13 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal
GSX-13
05 Feb 2002
SOLDER PAD LAYOUT
ACTUAL SIZE
TOP VIEW
3.35
(max)
2.65
(max)
1.00
(max)
1.20
0.70
1.30
0.40
1.30
1.30
1.30
0.80
1
2
43
1
4
2
3
Features
« Ceramic SM package
« Fundamental mode up to 50.0MHz
« Low cost for volume applications
« Suitable for hand held applications
Standard Frequencies
Product name + option codes + frequency
eg:
GSX-13/551D 30.0MHz 50/50/10/16-F (standard)
GSX-13/5C2J 40.0MHz 50/100/20/30-F (standard)
Option code X (eg GSX-13/X) denotes a custom specification.
Ordering Information
Fundamental in MHz
Scale 3:1
20.000000
24.000000
25.000000
30.000000
32.000000
40.000000
50.000000
Available on T&R - 3k pcs per reel.
Refer to our website for T&R and soldering details.
Product
GSX-13
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
Frequency range: 20.0 ~ 50.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other values
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
Other values (±20ppm ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
Other values
specify
Storage temperature range:
-30 to +85°C
Circuit condition:
16pF
D
18pF
E
20pF
F
30pF
J
Static capacitance (C0): 7pF max
Oscillation mode:
Fundamental
Equivalent series resistance:
90
max
Ageing:
±5ppm max first year
Test drive level:
100µW
Soldering condition:
260°C, 10 sec x2 max


Similar Part No. - GSX13

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX1 GOLLEDGE-GSX1 Datasheet
60Kb / 1P
SM Crystal
More results

Similar Description - GSX13

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
SM CRYSTAL
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com