Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSX49 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX49
Description  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX49 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX49 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
07 Jun 2005
SM Crystal
GSX49-4 & GSX49-3
SOLDER PAD LAYOUT
2.00
5.50
4.00
5.50
11.40
±0.20
3.80
(max)
4.70
±0.20
10.30
(max)
4.30
(max)
0.75
4.20
12.30
±0.60
0.70
±0.10
Insulating Base
11.40
±0.20
3.80
(max)
4.70
±0.20
4.20
12.30
±0.60
GSX49-4
GSX49-3
10.30
(max)
3.20
(max)
0.75
0.70
±0.10
0-0.3
0-0.3
Features
« Wide frequency range
« Low profile case
« Fundamental mode available up to 50.0MHz
« Large stocks of standard frequencies
« Low cost
Standard Frequencies
Product name + frequency + circuit condition
eg:
GSX49-4/351DF 20.0MHz 30/50/10/16-F (standard)
GSX49-3/5C2S3 48.0MHz 50/100/20/S-3
Option code X (eg GSX49-4/X) denotes a custom specification.
Ordering Information
Frequencies in MHz
Standard.
Optional - Please specify required code(s) when ordering
Scale 1:1
Option
Codes
GSX49-4 GSX49-3
Product
Parameters
Specifications
GSX49-4: 4.3mm maximum height
GSX49-3: 3.2mm maximum height
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Lowest cost SMD crystal.
3.579545
3.686400
4.000000
4.194304
4.608000
4.915200
5.000000
6.000000
6.144000
7.372800
8.000000
8.064000
9.600000
9.830400
10.000000
10.240000
11.059200
12.000000
12.288000
14.318180
14.745600
15.360000
16.000000
16.000312
16.384000
18.432000
19.660800
20.000000
20.275200
20.507000
22.118400
24.000000
24.000140
24.576000
25.000000
27.000000
28.224000
28.636360
32.000000
35.251200
40.000000
48.000000
50.000000
Package:
HC49-4H SMD
HC49-3H SMD
Frequency range:
3.2768 ~ 90.0MHz
3.579 ~ 90.0MHz
Calibration tolerance:
±20ppm
2
±30ppm
3
±50ppm
5
Other values (±10ppm ~ ±100ppm)
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
±10ppm ~ ±100ppm
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
3rd overtone
3
Equivalent series resistance (max):
200
(>3.2 ~ 3.5MHz)
150
(>3.5 ~ 4.0MHz)
120
(>4.0 ~ 4.4MHz)
100
(>4.4 ~ 7.0MHz)
70
(>7.0 ~ 10.0MHz)
50
(>10.0 ~ 50.0MHz, fund)
100
(>25.0 ~ 90.0MHz, 3rd OT)
Static capacitance (C0): 7pF max
Ageing:
±3ppm max first year
Test drive level:
100µW


Similar Part No. - GSX49

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX49-3 GOLLEDGE-GSX49-3 Datasheet
582Kb / 5P
Low 3.2mm Profile Formed Lead SM Crystal
GSX49-4 GOLLEDGE-GSX49-4 Datasheet
588Kb / 5P
4.3mm Low Profile SM Crystal
More results

Similar Description - GSX49

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
SM CRYSTAL
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com