Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2223 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2223
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2223 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2223 Datasheet HTML 1Page - Advanced Power Technology MS2223 Datasheet HTML 2Page - Advanced Power Technology MS2223 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC0XXXA.DOC 5-13-99
MS2223
MS2223
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 25mA
IE = 0 mA
55
----
----
V
BVCER
IC = 25 mA
RBE = 10 W
W
55
----
----
V
BVEBO
IE = 10 mA
IC = 0 mA
3.5
----
----
V
ICES
VCE = 35 V
VBE = 0 V
----
----
20
mA
hFE
VCE = 5 V
IC = 2A
20
----
200
----
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 1090 MHz PIN = 15 W
VCC = 28 V
70
----
----
W
hhC
f = 1090 MHz PIN = 15 W
VCC = 28 V
45
----
----
%
GP
f = 1090 MHz PIN = 15 W
VCC = 28 V
6.7
----
----
dB
Condition
s
Pulse Width: 100 mmS Duty Cycle: 2%
IMPEDANCE DATA:
IMPEDANCE DATA:
FREQUENCY
Zin
Zcl
1025 MHz
4.7 + j4.7
3.6 + j4.3
1090 MHz
4.7 + j3.9
3.3 + j4.4
Pin = 15W
Vcc = 28V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com