Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6 Datasheet(PDF) 18 Page - u-blox AG

Part # LARA-R6
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6 Datasheet(HTML) 18 Page - u-blox AG

Back Button LARA-R6 Datasheet HTML 14Page - u-blox AG LARA-R6 Datasheet HTML 15Page - u-blox AG LARA-R6 Datasheet HTML 16Page - u-blox AG LARA-R6 Datasheet HTML 17Page - u-blox AG LARA-R6 Datasheet HTML 18Page - u-blox AG LARA-R6 Datasheet HTML 19Page - u-blox AG LARA-R6 Datasheet HTML 20Page - u-blox AG LARA-R6 Datasheet HTML 21Page - u-blox AG LARA-R6 Datasheet HTML 22Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Pin definition
Page 18 of 41
C1-Public
No
Name
Power
domain
I/O
Description
Remarks
11
CTS
GDI
O
UART clear to send
Circuit 106 in ITU-T V.24 (CTS hardware flow control
output, push-pull, idle high, active low).
See section 4.2.14 for detailed electrical specs.
12
TXD
GDI
I
UART data input
Circuit 103 in ITU-T V.24 (TxD data input, idle high, active
low, with internal active pull-up enabled).
See section 4.2.14 for detailed electrical specs.
13
RXD
GDI
O
UART data output
Circuit 104 in ITU-T V.24 (RxD data output, push-pull, idle
high, active low).
See section 4.2.14 for detailed electrical specs.
14
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
15
PWR_ON
POS
I
Power-on input
Internal pull-up. Active low.
See section 4.2.9 for detailed electrical specs.
Provide test point for diagnostic purposes.
16
GPIO1
GDI
I/O
GPIO
GPIO configurable as described in section 2.8.
Push-pull output type.
See section 4.2.14 for detailed electrical specs.
17
VUSB_DET VBUS
I
VBUS USB detect input
VBUS (5 V typical) USB supply generated by the host must
be connected to this input pin during the switch-on boot
sequence of the module to enable the USB interface.
See section 4.2.12 for detailed electrical specs.
Provide test point for diagnostic purposes.
18
RESET_N
ERS
I
External reset input
Internal 10 k pull-up resistor to V_BCKP.
See section 4.2.10 for detailed electrical specs.
19
GPIO6
GDI
O
Clock output
Configurable clock output as described in section 2.7.
Not supported by LARA-R6001D and LARA-R6401D.
Push-pull output type.
See section 4.2.14 / 4.2.14.1 for detailed electrical specs.
20
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
21
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
22
GND
-
N/A
Ground
All the GND pins are intended to be connected to ground
23
GPIO2
GDI
I/O
GPIO
GPIO configurable as described in section 2.8.
Push-pull output type.
See section 4.2.14 for detailed electrical specs.
24
GPIO3
GDI
I/O
GPIO
GPIO configurable as described in section 2.8.
Push-pull output type.
See section 4.2.14 for detailed electrical specs.
25
GPIO4
GDI
I/O
GPIO
GPIO configurable as described in section 2.8.
Push-pull output type.
See section 4.2.14 for detailed electrical specs.
26
SDA
I2C
I/O
I2C bus data line
Open drain output type. Active low.
Internal 2.2 k pull-up resistor to V_INT.
See section 4.2.13 for detailed electrical specs.
27
SCL
I2C
O
I2C bus clock line
Open drain output type. Active low.
Internal 2.2 k pull-up resistor to V_INT.
See section 4.2.13 for detailed electrical specs.
28
USB_D-
USB
I/O
USB Data Line D-
90  nominal differential characteristic impedance.
Pull-up, pull-down and series resistors as required by the
USB 2.0 specifications [14] are part of the USB pin driver
and need not be provided externally.
See section 4.2.12 for detailed electrical specs.
Provide test point for diagnostic purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com