Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6001 Datasheet(PDF) 25 Page - u-blox AG

Part # LARA-R6001
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001 Datasheet(HTML) 25 Page - u-blox AG

Back Button LARA-R6001 Datasheet HTML 21Page - u-blox AG LARA-R6001 Datasheet HTML 22Page - u-blox AG LARA-R6001 Datasheet HTML 23Page - u-blox AG LARA-R6001 Datasheet HTML 24Page - u-blox AG LARA-R6001 Datasheet HTML 25Page - u-blox AG LARA-R6001 Datasheet HTML 26Page - u-blox AG LARA-R6001 Datasheet HTML 27Page - u-blox AG LARA-R6001 Datasheet HTML 28Page - u-blox AG LARA-R6001 Datasheet HTML 29Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 25 of 41
C1-Public
LARA-R6 series modules include a UE Power Class 3 LTE transmitter (see Table 3), with output power
and characteristics according to 3GPP TS 36.521-1 [10].
LARA-R6 series modules LTE receiver characteristics are compliant to 3GPP TS 36.521-1 [10], with
LTE conducted receiver sensitivity performance described in Table 16.
Parameter
Min.
Typical
Max.
Unit
Remarks
Receiver input sensitivity
Band 71 (600 MHz)
–105
dBm
Channel bandwidth = 5 MHz
–100
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 12 (700 MHz)
–110
dBm
Channel bandwidth = 1.4 MHz
–104
dBm
Channel bandwidth = 5 MHz
–101
dBm
Channel bandwidth = 10 MHz
Receiver input sensitivity
Band 13 (700 MHz)
–105
dBm
Channel bandwidth = 5 MHz
–102
dBm
Channel bandwidth = 10 MHz
Receiver input sensitivity
Band 14 (700 MHz)
–105
dBm
Channel bandwidth = 5 MHz
–102
dBm
Channel bandwidth = 10 MHz
Receiver input sensitivity
Band 28 (700 MHz)
–107
dBm
Channel bandwidth = 3 MHz
–105
dBm
Channel bandwidth = 5 MHz
–99.0
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 20 (800 MHz)
–105
dBm
Channel bandwidth = 5 MHz
–99.0
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 26 (850 MHz)
–110
dBm
Channel bandwidth = 1.4 MHz
–105
dBm
Channel bandwidth = 5 MHz
–100
dBm
Channel bandwidth = 15 MHz
Receiver input sensitivity
Band 18 (850 MHz)
–105
dBm
Channel bandwidth = 5 MHz
–101
dBm
Channel bandwidth = 15 MHz
Receiver input sensitivity
Band 19 (850 MHz)
–105
dBm
Channel bandwidth = 5 MHz
–100
dBm
Channel bandwidth = 15 MHz
Receiver input sensitivity
Band 5 (850 MHz)
–110
dBm
Channel bandwidth = 1.4 MHz
–105
dBm
Channel bandwidth = 5 MHz
–102
dBm
Channel bandwidth = 10 MHz
Receiver input sensitivity
Band 8 (900 MHz)
–110
dBm
Channel bandwidth = 1.4 MHz
–105
dBm
Channel bandwidth = 5 MHz
–102
dBm
Channel bandwidth = 10 MHz
Receiver input sensitivity
Band 4 (1700 MHz)
–110
dBm
Channel bandwidth = 1.4 MHz
–104
dBm
Channel bandwidth = 5 MHz
–99.0
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 66 (1700 MHz)
–109
dBm
Channel bandwidth = 1.4 MHz
–104
dBm
Channel bandwidth = 5 MHz
–99.0
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 3 (1800 MHz)
–107
dBm
Channel bandwidth = 1.4 MHz
–102
dBm
Channel bandwidth = 5 MHz
–96.5
dBm
Channel bandwidth = 20 MHz
Receiver input sensitivity
Band 2 (1900 MHz)
–110
dBm
Channel bandwidth = 1.4 MHz
–104
dBm
Channel bandwidth = 5 MHz
–99.0
dBm
Channel bandwidth = 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com