Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6001D Datasheet(PDF) 24 Page - u-blox AG

Part # LARA-R6001D
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001D Datasheet(HTML) 24 Page - u-blox AG

Back Button LARA-R6001D Datasheet HTML 20Page - u-blox AG LARA-R6001D Datasheet HTML 21Page - u-blox AG LARA-R6001D Datasheet HTML 22Page - u-blox AG LARA-R6001D Datasheet HTML 23Page - u-blox AG LARA-R6001D Datasheet HTML 24Page - u-blox AG LARA-R6001D Datasheet HTML 25Page - u-blox AG LARA-R6001D Datasheet HTML 26Page - u-blox AG LARA-R6001D Datasheet HTML 27Page - u-blox AG LARA-R6001D Datasheet HTML 28Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 24 of 41
C1-Public
4.2.5 LTE RF characteristics
The LTE bands supported by each LARA-R6 module are defined in Table 3, while Table 15 describes
the transmitting and receiving frequencies for each LTE band according to 3GPP TS 36.521-1 [10].
Parameter
Min.
Max.
Unit
Remarks
Frequency range
FDD band 71 (600 MHz)
Uplink
663
698
MHz
Module transmits
Downlink
617
652
MHz
Module receives
Frequency range
FDD Band 12 (700 MHz)
Uplink
699
716
MHz
Module transmits
Downlink
729
746
MHz
Module receives
Frequency range
FDD Band 13 (700 MHz)
Uplink
777
787
MHz
Module transmits
Downlink
746
756
MHz
Module receives
Frequency range
FDD Band 14 (700 MHz)
Uplink
788
798
MHz
Module transmits
Downlink
758
768
MHz
Module receives
Frequency range
FDD Band 28 (700 MHz)
Uplink
703
748
MHz
Module transmits
Downlink
758
803
MHz
Module receives
Frequency range
FDD Band 20 (800 MHz)
Uplink
832
862
MHz
Module transmits
Downlink
791
821
MHz
Module receives
Frequency range
FDD band 26 (850 MHz)
Uplink
814
849
MHz
Module transmits
Downlink
859
894
MHz
Module receives
Frequency range
FDD band 18 (850 MHz)
Uplink
815
830
MHz
Module transmits
Downlink
860
875
MHz
Module receives
Frequency range
FDD Band 19 (850 MHz)
Uplink
830
845
MHz
Module transmits
Downlink
875
890
MHz
Module receives
Frequency range
FDD Band 5 (850 MHz)
Uplink
824
849
MHz
Module transmits
Downlink
869
894
MHz
Module receives
Frequency range
FDD Band 8 (900 MHz)
Uplink
880
915
MHz
Module transmits
Downlink
925
960
MHz
Module receives
Frequency range
FDD Band 4 (1700 MHz)
Uplink
1710
1755
MHz
Module transmits
Downlink
2110
2155
MHz
Module receives
Frequency range
FDD band 66 (1700 MHz)
Uplink
1710
1780
MHz
Module transmits
Downlink
2110
2200
MHz
Module receives
Frequency range
FDD Band 3 (1800 MHz)
Uplink
1710
1785
MHz
Module transmits
Downlink
1805
1880
MHz
Module receives
Frequency range
FDD Band 2 (1900 MHz)
Uplink
1850
1910
MHz
Module transmits
Downlink
1930
1990
MHz
Module receives
Frequency range
TDD Band 39 (1900 MHz)
Uplink
1880
1920
MHz
Module transmits
Downlink
1880
1920
MHz
Module receives
Frequency range
FDD Band 1 (2100 MHz)
Uplink
1920
1980
MHz
Module transmits
Downlink
2110
2170
MHz
Module receives
Frequency range
TDD Band 40 (2300 MHz)
Uplink
2300
2400
MHz
Module transmits
Downlink
2300
2400
MHz
Module receives
Frequency range
TDD Band 38 (2600 MHz)
Uplink
2570
2620
MHz
Module transmits
Downlink
2570
2620
MHz
Module receives
Frequency range
TDD Band 41 (2600 MHz)
Uplink
2496
2690
MHz
Module transmits
Downlink
2496
2690
MHz
Module receives
Frequency range
FDD Band 7 (2600 MHz)
Uplink
2500
2570
MHz
Module transmits
Downlink
2620
2690
MHz
Module receives
Table 15: LTE operating RF frequency bands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com