Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARA-R6401 Datasheet(PDF) 2 Page - u-blox AG

Part # LARA-R6401
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6401 Datasheet(HTML) 2 Page - u-blox AG

  LARA-R6401 Datasheet HTML 1Page - u-blox AG LARA-R6401 Datasheet HTML 2Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
LTE
LTE Cat 1 (10 Mbit/s DL, 5 Mbit/s UL)
3GPP Release 10
– LARA-R6001 (Global)
– LARA-R6401 (North America)
– LARA-R6801 (Multi-region)
Power saving features:
– Rel 12 LTE power saving mode , PSM1
– Rel 13 eDRX
UMTS
HSDPA category 8, HSUPA category 6
Bands (in MHz):
– LARA-R6001: 850/900/1900/2100
– LARA-R6801: 850/900/1900/2100
GSM
GPRS/EDGE multi-slot class 33
Bands (in MHz):
– LARA-R6001: 850/900/1800/1900
– LARA-R6801: 850/900/1800/1900
SMS
MT/MO PDU / Text mode
SMS over IMS and via SMS-C
Voice
VoLTE or CSFB
Codec: HR/FR/EFR/AMR/AMR-WB
Echo cancellation and noise reduction
Compatible with u-blox services
Communication
MQTT Anywhere
MQTT Flex
Location
AssistNow
CellLocate
Security
Design Security:
Local data protection
End-to-End Security:
Symmetric key management system (KMS),
Data protection,
Data integrity 1
Certificate Lifecycle Control:
Zero touch provisioning 1,
IoT Certificate Manager 1
Software features
Protocols
Dual stack IPv4 and IPv6
Embedded TCP/IP, UDP/IP, FTP, HTTP
Embedded MQTT and MQTT-SN
Embedded LwM2M
eSIM and Bearer Independent Protocol
Device
Management
OMA LwM2M
GNSS Interfaces
Direct access to u-blox GNSS via module
Firmware upgrade
Via UART (FOAT) and USB (FOAT and EasyFlash)
FOTA / uFOTA client/server solution
(Firmware upgrade Over the Air)
Electrical data
Power supply
3.8 V nominal, range 3.3 V to 4.5 V
Extended range 3.1 V to 4.5 V
Power consumption Active Idle Mode:
~1.1 mA
Package
100 pin LGA (Land Grid Array): 24.0 x 26.0 x 2.6 mm, < 4 g
Environmental data, quality & reliability
Operating
temperature
–40 °C to +85 °C
RoHS compliant (lead-free)
u-blox qualification policy (based on AEC-Q104 standard)
Manufactured at ISO 9001 / 14001 certified production site
Certifications and approvals
LARA-R6001
PTCRB, GCF, FCC/ISED, RED, NCC, RCM, Giteki,
AT&T
LARA-R6401
PTCRB, GCF, FCC/ISED, AT&T, FirstNet, Verizon
LARA-R6801
GCF, RED, NCC, RCM, Giteki
Interfaces
Serial
2 UART
1 USB 2.0 (high-speed, 480 Mbit/s)
1 I2C
1 I2S
GPIO
Up to 9 GPIOs, configurable
(U)SIM
Supports 1.8 V and 3.0 V, SIM toolkit
Audio
1 digital
Support products
EVK-R6
Evaluation kits for LARA-R6 series
RIL software available for Android 12.0 and
previous versions
Product variants
LARA-R6001
LARA-R6001D
(data-only variant)
Global LTE Cat 1 module
LTE FDD bands:
1, 2, 3, 4, 5, 7, 8, 12, 13, 18, 19, 20, 26, 28
LTE TDD bands: 38, 39, 40, 41
3G bands (MHz): 850, 900, 1900, 2100
2G bands: Quad-band
LARA-R6401
LARA-R6401D
(data-only variant)
LTE Cat 1 module for North America
LTE FDD bands: 2, 4, 5, 12, 13, 14, 66, 71
LARA-R6801
LARA-R6801D
(data-only variant)
LTE module for multi-regional use
LTE FDD bands:1, 2, 3, 4, 5, 7, 8, 18, 19, 20, 26, 28
3G bands (MHz): 850, 900, 1900, 2100
2G bands: Quad-band
LARA-R6 series
1 = Future FW releases
UBX-20048923 - R09
Further information
For contact information, see
www.u-blox.com/contact-u-blox.
For more product details and ordering information, see the product
data sheet.
Legal Notice:
u-blox or third parties may hold intellectual property rights in the products, names, logos
and designs included in this document. Copying, reproduction, or modification of this
document or any part thereof is only permitted with the express written permission of
u-blox. Disclosure to third parties is permitted for clearly public documents only.
The information contained herein is provided “as is”. No warranty of any kind, either
express or implied, is made in relation to the accuracy, reliability, fitness for a particular
purpose or content of this document. This document may be revised by u-blox at any
time. For most recent documents, please visit www.u-blox.com.
Copyright © 2022, u-blox AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com