Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R6001-00B Datasheet(PDF) 9 Page - u-blox AG

Part # EVK-R6001-00B
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6001-00B Datasheet(HTML) 9 Page - u-blox AG

Back Button EVK-R6001-00B Datasheet HTML 5Page - u-blox AG EVK-R6001-00B Datasheet HTML 6Page - u-blox AG EVK-R6001-00B Datasheet HTML 7Page - u-blox AG EVK-R6001-00B Datasheet HTML 8Page - u-blox AG EVK-R6001-00B Datasheet HTML 9Page - u-blox AG EVK-R6001-00B Datasheet HTML 10Page - u-blox AG EVK-R6001-00B Datasheet HTML 11Page - u-blox AG EVK-R6001-00B Datasheet HTML 12Page - u-blox AG EVK-R6001-00B Datasheet HTML 13Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Starting up
Page 9 of 23
C1-Public
Dual-in-line board-to-board connector J104
Dual-in-line board-to-board connector J103
Signal name
Pin N° Pin N°
Signal name
Signal name
Pin N° Pin N°
Signal name
Not connected
1
2
GND
Not connected
1
2
GND
Not connected
3
4
Not connected
Not connected
3
4
Not connected
Not connected
5
6
Not connected
RFCTRL12
5
6
RFCTRL2 2
GND
7
8
GND
Not connected
7
8
VCC
GND
9
10
GND
VCC
9
10
VCC
DTR
11
12
DCD
Not connected
11
12
Not connected
CTS
13
14
RTS
SIM_IO
13
14
VSIM
RXD
15
16
TXD
SIM_RST
15
16
SIM_CLK
DSR
17
18
RI
Not connected
17
18
Not connected
Not connected
19
20
Not connected
SCL
19
20
Not connected
Not connected
21
22
Not connected
Not connected
21
22
SDA
GPIO6
23
24
GPIO5
Not connected
23
24
Not connected
Not connected
25
26
GPIO4
RESET_N
25
26
Not connected
Not connected
27
28
Not connected
Not connected
27
28
Not connected
Not connected
29
30
PWR_ON
Not connected
29
30
Not connected
GPIO3
31
32
GPIO2
Not connected
31
32
Not connected
Not connected
33
34
GPIO1
Not connected
33
34
Not connected
V_INT
35
36
Not connected
Not connected
35
36
Not connected
Not connected
37
38
Not connected
Not connected
37
38
Not connected
Not connected
39
40
Not connected
Not connected
39
40
Not connected
GND
41
42
Not connected
GND
41
42
Not connected
Table 5: Pin-out of the 42-pin dual-in-line board-to-board connectors (J103, J104) available on the adapter board ADP-R6 of
the EVK-R6 evaluation kit for LARA-R6 series modules
☞ The pins / interfaces that are not supported by a specific LARA-R6 product version should not be
driven by an external device (see the LARA-R6 series data sheet [2] and the LARA-R6 series
system integration manual [3] for the features supported by each LARA-R6 product version).
1.7 Software installation
The LARA-R6 USB drivers are available with the EVK-R6. Executable files can be downloaded from
https://www.u-blox.com/en/product/evk-r6 and saved to any location on the computer hard drive. The
installation can be started by running the executable file on a computer with the Windows operating
system.
2 LARA-R6401 and LARA-R6401D only. Pin reserved for future use (RSVD) otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com