Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R6401-00B Datasheet(PDF) 18 Page - u-blox AG

Part # EVK-R6401-00B
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6401-00B Datasheet(HTML) 18 Page - u-blox AG

Back Button EVK-R6401-00B Datasheet HTML 14Page - u-blox AG EVK-R6401-00B Datasheet HTML 15Page - u-blox AG EVK-R6401-00B Datasheet HTML 16Page - u-blox AG EVK-R6401-00B Datasheet HTML 17Page - u-blox AG EVK-R6401-00B Datasheet HTML 18Page - u-blox AG EVK-R6401-00B Datasheet HTML 19Page - u-blox AG EVK-R6401-00B Datasheet HTML 20Page - u-blox AG EVK-R6401-00B Datasheet HTML 21Page - u-blox AG EVK-R6401-00B Datasheet HTML 22Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Appendix
Page 18 of 23
C1-Public
C Examples of AT commands
For the complete description and syntax of the AT commands supported by LARA-R6 series modules,
see the u-blox AT commands manual [1].
C.1 Define the initial default bearer for connectivity
To change the PDN settings for the initial default EPS bearer established during LTE attach, edit the
<cid>=1 PDN by means of the +CGDCONT AT command.
Command sent by DTE (user)
DCE response (module)
Description
AT+COPS?
+COPS: 2
OK
The module is not registered.
AT+CEREG=2;+CGEREP=1,1
OK
Enable a set of registration URCs.
AT+CGDCONT?
+CGDCONT: 1,"IPV4V6","","0.0.0.0
0.0.0.0.0.0.0.0.0.0.0.0.0.0.0.0",
0,0,0,2,0,0,0,0,0,0
OK
Read IP type and APN for EPS attach
bearer.
AT+CGDCONT=1,"IPV4V6","broadband"
OK
Set the APN name ("broadband" for
example) and the PDP type ("IPV4V6"
for example) for EPS attach bearer.
AT+COPS=0
OK
+CEREG: 1,"0001","01a2d001",7
+CGEV: ME PDN ACT 1
Trigger a network registration and wait
for attach complete.
The same procedure can also be applied for the PDP context associated with <cid>=1 in 2G and 3G
RAT. During the LTE attach, the initial default EPS bearer is automatically activated by the network,
while in 2G and 3G RAT, it is necessary to manually activate the PDP context by means of +CGACT AT
command.
Command sent by DTE (user)
DCE response (module)
Description
AT+CGACT=1,1
OK
Activate the PDP context associated
with <cid>=1.
It is possible to verify the status of the initial default EPS bearer or a PDP context by the means of the
+CGDCONT and +CGCONTRDP AT commands.
Command sent by DTE (user)
DCE response (module)
Description
AT+CGDCONT?
+CGDCONT: 1,"IP","default.mnc321.
mcc654.gprs","192.168.20.6",0,0,0
,2,0,0,0,0,0,0
OK
Read IP type and APN for EPS attach
bearer.
Context <cid>=1 has IP type "IP" and
APN "default.mnc321.mcc654.gprs".
AT+CGCONTRDP=1
+CGCONTRDP: 1,5,"default.mnc321.m
cc654.gprs","192.168.20.6.255.255
.255.0","192.168.20.1","185.215.1
95.114","","","",0,0,1500,0,0
OK
Read context <cid>=1 dynamic
parameters.
<cid>=1 is currently active with IPv4
address 192.168.20.6/24, gateway
192.168.20.1 and DNS server
185.215.195.114.
C.2 Data connection using internal TCP/IP stack
The internal TCP/IP stack is automatically mapped, configured, and activated to the initial default
EPS bearer established during LTE attach or to the first activated PDP context in 2G or 3G RAT.
Consequently the +UPSD and +UPSDA commands are no longer required to perform these tasks
manually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com