Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVK-R6801-00B Datasheet(PDF) 5 Page - u-blox AG

Part # EVK-R6801-00B
Description  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6801-00B Datasheet(HTML) 5 Page - u-blox AG

  EVK-R6801-00B Datasheet HTML 1Page - u-blox AG EVK-R6801-00B Datasheet HTML 2Page - u-blox AG EVK-R6801-00B Datasheet HTML 3Page - u-blox AG EVK-R6801-00B Datasheet HTML 4Page - u-blox AG EVK-R6801-00B Datasheet HTML 5Page - u-blox AG EVK-R6801-00B Datasheet HTML 6Page - u-blox AG EVK-R6801-00B Datasheet HTML 7Page - u-blox AG EVK-R6801-00B Datasheet HTML 8Page - u-blox AG EVK-R6801-00B Datasheet HTML 9Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Starting up
Page 5 of 23
C1-Public
1.2 EVK-R6 block diagram and basic description
Figure 2 shows the main interfaces and internal connections of the EVK-R6 evaluation kit:
SIM
card holder
(J300)
Reset
(SW303)
Power-on
(SW302)
LARA-R6
adapter board
(ADP-R6)
LARA-R6
Cellular
module
EVB-WL3
GNSS
module
GNSS adapter board
RF
USB
UART
converter
Cellular USB
(Main UART)
(J501)
Cellular RS232
(Main UART)
(J500)
RS232
UART
converter
UART
MiniUSB/DB9
switch
(SW403)
On-Board/B2B
switch
(SW401)
USB
Headset jack
(J303)
I2C
Step - Down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J404)
LDO
GPIO2/3/4
GNSS switch
(SW304)
Native
USB
(J105)
ANT
(J106)
ANT DIV
(J202)
Audio
Codec
Cellular USB
(two UARTs)
(J201)
USB/UART
converter
UARTs
(J248)
VCC jumper
(J109)
Figure 2: Block diagram of EVK-R6 for LARA-R6 modules
The EVK-R6 is formed by three boards:
•
The lower one, called EVB-WL3 or simply EVB, contains the power supply and other peripherals for
the cellular module (such as SIM card holder, reset button and power-on button).
•
The cellular adapter board, called ADP-R6, contains the cellular module, the cellular antenna
connectors (ANT / ANT DIV), the USB “native” connector (J105), the USB “two UARTs” connector
(J201), the UARTs routing switch (J248), the VCC jumper (J109) and an audio codec.
•
The GNSS adapter board, called ADP-GNSS, contains the u-blox GNSS module, the GNSS antenna
connector and the USB connector for the GNSS module.
The cellular and the GNSS adapter boards (ADP-R6 and ADP-GNSS respectively) are connected by
means of male header board-to-board connectors provided on the bottom of the adapter boards and
their corresponding female connectors provided on top of the lower board (EVB-WL3).
The USB interface of the cellular module is available on the native USB connector (J105) on the cellular
adapter board (ADP-R6).
The main UART and the auxiliary UART interfaces of the cellular module can be routed as follows, by
means of the 3-way UARTs’ routing switch (J248) available on the cellular adapter board (ADP-R6) as
illustrated in Figure 3:
•
EVB position (pin 1-2 of J248 shorted by jumper socket): main UART routed as 8-wire interface to
the lower EVB-WL3 board by the means of dual-in-line male board-to-board connectors mounted
on the bottom of the adapter board ADP-R6. According to the mini-USB / DB9 switch (SW403)
setting on the EVB-WL3, the main 8-wire UART interface can be accessed on the USB connector
(J501) or on the RS232 DB9 connector (J500) on the EVB-WL3, with the on-board / B2B switch
(SW401) on the EVB-WL3 set to “on-board”. The auxiliary UART interface is not available.
•
ADP position (pin 2-3 of J248 shorted by jumper socket): main UART and auxiliary UART routed
as 4-wire interfaces to the USB two UARTs connector (J201) mounted on the adapter board, with
the on-board / B2B switch (SW401) on the EVB-WL3 board is set to “B2B”.
•
No position (no jumper socket on J248): main 8-wire UART interface or main 4-wire UART with
auxiliary 4-wire UART interfaces, routed to the dual-in-line male header connectors mounted on
the top of the adapter board ADP-R6, allowing a connection to an external compatible device with
the on-board / B2B switch (SW401) on the EVB-WL3 board set to “B2B”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com