Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP-R6801-00B Datasheet(PDF) 1 Page - u-blox AG

Part # ADP-R6801-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

ADP-R6801-00B Datasheet(HTML) 1 Page - u-blox AG

  ADP-R6801-00B Datasheet HTML 1Page - u-blox AG ADP-R6801-00B Datasheet HTML 2Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LARA-R6 series
Single or multi-mode LTE Cat 1 modules with Secure Cloud
Product description
LARA-R6 series modules provide global and multi-regional
coverage in a very small form factor, thereby reducing logistics
complexity and increasing design flexibility. Three different
product variants provide flexibility for band use and access
technology by region, and include all relevant MNO certifications.
All modules in the series support receive-diversity, making them
the ideal choice for deployment in North America, as well as for
a diverse set of applications with demanding requirements for
reliable performance in difficult coverage conditions or those
that require voice functionality via VoLTE. The modules are
also secure by design with a root of trust, secure boot, secure
updates, and secure communications ((D)TLS) functionality.
Security is regularly updated via maintenance releases to keep
your device running and protected from attacks.
LARA-R6001 is the smallest LTE Cat 1 multi-mode module
with global coverage available in the market. As a single SKU, it
provides universal connectivity and greatly simplifies logistics.
This truly global module has 18 LTE bands plus 3G/2G fallback.
LARA-R6401 provides an ideal LTE Cat 1 solution for North
America, as it supports all relevant LTE bands and is designed
for use on AT&T, Verizon, FirstNet, or T-Mobile. Managing a
single SKU for the North American market simplifies logistics
and reduces associated costs.
LARA-R6801 is a multi-regional variant specifically designed
for use in EMEA/APAC/Japan and LATAM regions, supporting
all relevant LTE bands and technologies.
With the three regional variants, you can maximize the reuse of
development efforts. Versatile interfaces, features, multi-band
and multi-mode capabilities make LARA-R6 ideally suited for
a wide range of applications that require medium data speed,
seamless connectivity, superior coverage, low latency and
streaming data or voice. They include asset tracking, telematics,
remote monitoring, alarm panels, video surveillance, connected
health, and point-of-sale terminals.
Universal connectivity and reliable performance in smallest form factor
• Reduce logistics complexity with three regional product variants and extensive MNO certifications
• Any region, any band, any technology for simple roaming anywhere in the world
• World's smallest LTE Cat 1 module with global coverage, ideal for size-constrained devices
• Receive-diversity for reliable performance in difficult conditions
• Secure by design to always keep your device running and updated
Product summary
24.0 x 26.0 x 2.6 mm
Grade
Automotive
Professional
Standard
Regions
Global
North
America
Multi-region:
EMEA, APAC,
Japan, LATAM
Access Technology
LTE FDD bands
1, 2, 3, 4, 5, 7,
8, 12, 13, 18,
19, 20, 26, 28
2, 4, 5,
12, 13, 14,
66, 71
1, 2, 3, 4, 5,
7, 8, 18, 19,
20, 26, 28
LTE TDD bands
38, 39, 40, 41
UMTS/HSPA bands [MHz]
850, 900,
1900, 2100
850, 900,
1900, 2100
GSM/GPRS bands
Q
Q
Data rate
Cat 1
Cat 1
Cat 1
Positioning
GNSS via modem
Compatible with u-blox Services
MQTT Anywhere, MQTT Flex
AssistNow™
CellLocate®
IoT Security-as-a-Service
Interfaces
UART
2
2
2
USB
1
1
1
I2C
1
1
1
I2S
1
1
1
GPIO
9
9
9
Features
Root of trust
MQTT / MQTT-SN
Power saving mode
*
*
*
TCP/IP, UDP/IP, HTTP/ FTP
TLS / DTLS
eDRX
Secure boot / update
RxDiversity
Dual stack IPv4/IPv6
FW update via serial (FOAT)
FOTA/uFOTA
LwM2M
Last gasp
Jamming detection
Antenna and SIM detection
VoLTE/CSFB (not for data-only variants)
VoLTEonly
Standard
Professional
Automotive
Cat 1= 10 Mbit/s DL, 5 Mbit/s UL
Q = Quad-band
* = Data-only module variant
* = Available in future FW
UBX-20048923 - R09


Similar Part No. - ADP-R6801-00B

ManufacturerPart #DatasheetDescription
logo
u-blox AG
ADP-R5 U-BLOX-ADP-R5 Datasheet
1Mb / 23P
SARA-R5 series cellular evaluation kits
logo
Linx Technologies
ADP-RPSF-NM LINX-ADP-RPSF-NM Datasheet
440Kb / 2P
ADAPTER, RP-SMA JACK (MALE PIN) TO N PLUG (MALE PIN)
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
ADP-RPSM-SMAF-G LINX-ADP-RPSM-SMAF-G Datasheet
292Kb / 2P
ADAPTER, RP-SMA PLUG (FEMALE SOCKET) TO SMA JACK (FEMALE SOCKET), GOLD
More results

Similar Description - ADP-R6801-00B

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
LTE-M / NB-IoT modules with secure cloud
logo
Telit loT Solutions
LE910 TELIT-LE910_V01 Datasheet
795Kb / 2P
LTE Cat.1 10/5 Embedded
logo
Quectel Wireless Soluti...
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
IoT/M2M-optimized LTE Cat 1 Modules
SC66 QUECTEL-SC66 Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
logo
Moxa Inc.
3120-LTE-1 MOXA-3120-LTE-1 Datasheet
751Kb / 5P
Industrial LTE Cat. 1 cellular gateways
logo
u-blox AG
MPCI-L2 U-BLOX-MPCI-L2 Datasheet
464Kb / 31P
Multi-mode LTE Cat 4 Mini PCIe modules with HSPA and/or 2G fallback
27-May-2021
LARA-R6 U-BLOX-LARA-R6 Datasheet
1Mb / 41P
Single or multi-mode LTE Cat 1 modules with Secure Cloud
18-Aug-2022
logo
NimbeLink Corp.
NL-SW-LTE-GELS3 NIMBELINK-NL-SW-LTE-GELS3 Datasheet
239Kb / 2P
Skywire 4G LTE CAT 1
Rev C
NL-SW-LTE-TC1NAG NIMBELINK-NL-SW-LTE-TC1NAG Datasheet
237Kb / 2P
Skywire 4G LTE CAT 1 NA
Rev B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com