Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2321 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2321
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2321 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2321 Datasheet HTML 1Page - Advanced Power Technology MS2321 Datasheet HTML 2Page - Advanced Power Technology MS2321 Datasheet HTML 3Page - Advanced Power Technology MS2321 Datasheet HTML 4Page - Advanced Power Technology MS2321 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS2321
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 10mA
IE = 0mA
65
---
---
V
BVCES
IC = 25mA
VBE = 0V
65
---
---
V
BVEBO
IE = 1mA
IC = 0mA
3.5
---
---
V
ICES
VCE = 50V
IE = 0mA
---
---
2
mA
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f =1025 - 1150 MHz
PIN = 1.5W
VCC = 50V
15
---
---
W
GP
f =1025 - 1150 MHz
PIN = 1.5W
VCC = 50V
10
---
---
dB
ηη
C
f =1025 - 1150 MHz
PIN = 1.5W
VCC = 50V
30
---
---
%
Conditions:
Pulse Width = 10
µµSec Duty Cycle = 1%
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN (
Ω
Ω)
ZCL (
Ω
Ω)
1025 MHz
3.0 + j5.0
5.8 + j7.5
1090 MHz
3.8 + j7.5
3.3 + j8.5
1150 MHz
2.5 + j20.0
6.0 + j8.9
VCC = 50V
PIN = 1.5W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com