Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2322 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2322
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2322 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2322 Datasheet HTML 1Page - Advanced Power Technology MS2322 Datasheet HTML 2Page - Advanced Power Technology MS2322 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS2322
DESCRIPTION:
DESCRIPTION:
The MS2322 is a gold metallized, silicon NPN power transistor
designed for pulsed applications with low duty cycles such as
IFF, DME and TACAN. Internal impedance matching is utilized
for maximum broadband performance and simplified external
matching.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
1.5
A
PDISS
Power Dissipation
87.5
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
2.0
°°C/W
Features
Features
• 1025 - 1150 MHz
• 50 VOLT OPERATION
• P
OUT = 15 WATTS
• G
P = 10 dB MINIMUM
• 20:1 VSWR CAPABILITY @ RATED CONDITIONS
• COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
.280 4LSL (M115)
Epoxy Sealed
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2322

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2321 ADPOW-MS2321 Datasheet
203Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results

Similar Description - MS2322

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com