Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDCIT2/64GBSP Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # SDCIT2/64GBSP
Description  INDUSTRIAL microSD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

SDCIT2/64GBSP Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  SDCIT2/64GBSP Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd SDCIT2/64GBSP Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INDUSTRIAL microSD
Durable in extreme temperatures — Designed and
tested to withstand temperature range of -40°C to 85°C
for use in harsh conditions.
High endurance and reliability — Up to 1920 TBW2 and
rated to endure 30K P/E cycles to meet requirements
for a wide range of industrial applications.
FEATURES / BENEFITS
UHS-I compliant — Speeds up to 100MB/s1 with U3,
V30, and A1 support for Android based applications.
Industrial grade built-in features — Strong ECC
engine, Wear Leveling, Bad Block management and an
optional health monitoring tool to manage the lifespan
of your card4.
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2021 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners. MKD-440.1 US
1. Speed may vary due to host and device configuration.
2. Terabytes Written (TBW) is derived from the endurance under the highest capacity and is based on internal metrics that
quantifies how much data can be written to a card in its lifespan.
3. Some of the listed capacity on a Flash storage device is used for formatting and other functions and thus is not available
for data storage. As such, the actual available capacity for data storage is less than what is listed on the products. For
more information, go to Kingston’s Flash Memory Guide.
4. Kingston Flash Cards are designed and tested for compatibility with consumer-grade market products. It is
recommended that you contact Kingston directly for any OEM opportunities or special use applications that are beyond
standard daily consumer usage. For more information on intended use, please refer to the Flash Memory Guide.
5. IEC/EN 60529 IPX7 certified for protection against continual water submersion up to 30 min. and depth up to 1m.
6. Withstands temperature range from -40°C to 85°C
7. Based on MIL-STD-883H, METHOD 2002.5 military standard test method.
8. Protected against X-ray exposure based on ISO7816-1 guidelines.
KINGSTON PART NUMBERS
Capacities3
8GB, 16GB, 32GB, 64GB
Performance1
Class 10, UHS-I, U3, V30, A1
Endurance2
Up to 1920 TBW
30K P/E cycles
NAND
TLC in pSLC mode
microSDHC Card Dimensions
11mm x 15mm x 1mm
SD Adapter Dimensions
24mm x 32mm x 2.1mm
Format
FAT32 for SDHC and ExFAT for SDXC
Operating & Storage Temperature
-40°C to 85°C
Voltage
3.3V
Industrial Features
• Bad Block Management
• Strong ECC Engine
• Power Failure Protection
• Wear Leveling
• Auto-Refresh Read Distribution Protection
• Dynamic Data Refresh
• SiP – System in Package
• Garbage Collection
• Health Monitoring
Thermal Cycle Testing
Interval testing completed at various extreme temperatures
Vigorous Temperature Humidity Bias
Several hundred hours of testing to ensure durability at varying levels
of humidity
Wide Temp Chamber Testing
Completed on all SDCIT2 cards prior to production
Warranty4
3 years
SPECIFICATIONS
Industrial microSD
(SD adapter included)
Industrial microSD
(SD adapter not included)
SDCIT2/8GB
SDCIT2/8GBSP
SDCIT2/16GB
SDCIT2/16GBSP
SDCIT2/32GB
SDCIT2/32GBSP
SDCIT2/64GB
SDCIT2/64GBSP
Waterproof5
Temperature proof6
Shock and vibration proof7
Protected from airport x-rays8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com