Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSX331 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX331
Description  SM Crystal Metal Lid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX331 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX331 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal - Metal Lid
GSX-331
01 Jul 2004
0 to +50°C
-10 to +60°C
-20 to +70°C
-30 to +80°C
-40 to +85°C
SOLDER PAD LAYOUT
ACTUAL SIZE
TOP VIEW
3.40
(max)
2.70
(max)
0.70
(max)
1.20
1.00
1.10
0.80
1.10
1.30
1.30
1.00
12
43
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
1
4
2
3
Features
« Metal lid can be grounded to minimise EMI
« Seam seal for excellent long-term stability
« Tight specifications available
« Ultra-miniature for maximum space saving
Product name + option codes + frequency
eg:
GSX-331/111DF 12.80MHz 10/10/10/16-F
GSX-331/MP2JF 24.5760MHz 7.5/15/20/30-F
Option code X (eg GSX-331/X) denotes a custom specification.
Ordering Information
GSX-331
Option
Codes
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Specifications
Available on T&R - 3k pcs per reel.
Refer to our website for T&R and soldering details.
Temperature Stability
The table shows available combinations of stability (in ppm)
and temperature range.
±30
±20
±15
-
±10
-
-
±7.5
-
-
-
Frequency range: 16.0 ~ 40.0MHz
Calibration tolerance:
±7.5ppm
M
±10ppm
1
±20ppm
2
±30ppm
3
Other values
specify
Temperature stability: ±7.5ppm
M
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values
specify
Operating temperature range:
0 to +50°C
0
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
10pF
A
12pF
B
16pF
D
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
100
(16.0 ~ 23.9MHz)
80
(24.0 ~ 31.9MHz)
60
(32.0 ~ 40.0MHz)
Ageing:
±3ppm max first year
±1ppm max first year
specify
Test drive level:
100µW
Soldering condition:
240°C, 10 sec x2 max


Similar Part No. - GSX331

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX333 GOLLEDGE-GSX333 Datasheet
86Kb / 2P
SM crystal for Bluetooth / Wireless
More results

Similar Description - GSX331

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX431 GOLLEDGE-GSX431 Datasheet
56Kb / 1P
SM Crystal Mtal Lid
GSX531 GOLLEDGE-GSX531 Datasheet
61Kb / 1P
SM Crystal Metal Lid
GSX532 GOLLEDGE-GSX532 Datasheet
57Kb / 1P
SM Crystal Ceramic Lid
GSX641 GOLLEDGE-GSX641 Datasheet
56Kb / 1P
SM Crystal Metal Lid
GSX642 GOLLEDGE-GSX642 Datasheet
47Kb / 1P
SM Crystal ceramic Lid
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
SM Crystal Metal Lid
GSX752 GOLLEDGE-GSX752 Datasheet
58Kb / 1P
SM Crystal Ceramic Lid
GSX852 GOLLEDGE-GSX852 Datasheet
56Kb / 1P
SM Crystal Ceramic Lid
GSX-751 GOLLEDGE-GSX-751_08 Datasheet
52Kb / 1P
SM Crystal - Metal Lid
GSX-531 GOLLEDGE-GSX-531_15 Datasheet
172Kb / 2P
SM Crystal - Metal Lid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com