Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9155 Datasheet(PDF) 1 Page - Littelfuse

Part # 9155
Description  HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

9155 Datasheet(HTML) 1 Page - Littelfuse

  9155 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2020 Littelfuse Commercial Vehicle Products
Rev: 081720
littelfuse.com
Product Datasheet
HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
Description
Littelfuse Heavy Duty Normally Open Push Button Switches
are push to operate and will spring return to 'Off' position.
They have a cylindrical diecast body with 5/8"-32 mounting
stem.
These normally open switches are impact resistant, designed
to prevent accidental actuation, include two screw terminals,
and have an O-Ring seal in the mounting stem.
Web Resources
Download installation instructions, 2D prints and technical
resources at: littelfuse.com/HDPushButtonSwitches
Ordering Information
PART NUMBER
DESCRIPTION
MOUNTING
TERMINALS
9100 *
Momentary Push Button Switch
15/32”-32 21/32”L (16.7mm)
2 Screws
9023 *
15A resistive, 10A inductive at 12V DC, 8A resistive, 5A inductive at 24V DC
5/8”-32 7/8” L (22.1mm)
2 Screws
9023-09
15A resistive, 10A inductive at 12V DC, 8A resistive, 5A inductive
at 24V DC. Screw-on black rubber cap 83280-03
5/8”-32 7/8” L (22.1mm)
2 Screws
9095 *
Compact Momentary Push Button Switch, 20A at 24V and 35A at 12V DC
5/8”-32 21/32”L (16.7mm)
2 Screws
9095-16
Compact Momentary Push Button Switch, 20A at 24V and 35A at 12V DC
5/8”-32 21/32”L (16.7mm)
2 Screws
9155
Momentary Starter Switch with Large Aluminum Button
5/8”-32 21/32”L (16.7mm)
2 Screws
9216 *
Industrial Starter Switch
5/8”-32 21/32”L (16.7mm)
2 Screws
9216-03 *
Same as 9216, but with Large Screw-on Black Rubber Cap 83280-03
5/8”-32 21/32”L (16.7mm)
2 Screws
9231 *
Heavy Duty Starter Switch with recessed facenut to protect actuator
5/8”-32 21/32”L (16.7mm)
2 Screws
9238 *
15A resistive, 10A inductive at 12V DC, 8A resistive, 5A inductive at 24V DC
5/8”-32 7/8” L (22.1mm)
2 Screws
9238-01
15A resistive, 10A inductive at 12V DC, 8A resistive, 5A inductive at 24V DC, Black rubber
screw-on cap 83280-03
5/8”-32 7/8” L (22.1mm)
2 Screws
9245 *
O-ring seal in the mounting stem, and snap-on black rubber cap (407-03)
5/8”-32 21/32”L (16.7mm)
2 Screws
90000-01
With recessed facenut to protect button. O-ring seal
5/8”-32 21/32”L (16.7mm)
2 Screws
90011
Heavy Duty Momentary Switch with Black Plastic Button. Designed for 20A at 24V DC
and 35A at 12V DC
5/8”-32 5/8”L (15.9mm)
2 Male Buttons
Aptiv #2962679
90030 *
Heavy Duty Momentary Switch with screw-on Black Plastic Cap 83280-03. Designed for
20A at 24V DC and 35A at 12V DC
5/8”-32 21/32”L (16.7mm)
2 Screws
90030-01 *
Same as 90030, but with Brown Oil-Resistant Cap 83280-05
5/8”-32 21/32”L (16.7mm)
2 Screws
90030-04 *
Same as 90030, but with Red Screw-On Cap 83280-02
5/8”-32 21/32”L (16.7mm)
2 Screws
90030-53
Same as 90030, but shipped assembled
5/8”-32 21/32”L (16.7mm)
2 Screws
90036-02 *
Heavy Duty Compact Momentary Switch with Chrome-Plated Brass Actuator. Designed for
20A at 24V DC and 35A at 12V DC
5/8”-32 21/32”L (16.7mm)
2 Blades
90036-10
Compact Momentary Push Button Switch, 20A at 24V and 35A at 12V DC with Red Cap
(White Horn Logo Imprint)
5/8”-32 21/32”L (16.7mm)
2 Blades
90043-07 *
PVC-Coated Momentary Push Button Switch, 15A at 12V DC, with Black Cap
5/8”-32 21/32”L (16.7mm)
2 Wire Lead
92120
Momentary Push Button Indicator Switch, 3A at 24V and 5A at 12V DC
3/8”-24 21/32”L (16.7mm)
2 Screws
96101 *
Push Button Horn Switch, with Black Cap
Surface Mount, 44.45mm
between 2 Screws
2 Screws
90030-04
9095
9100
9231
9245
Specifications
Housing:
Base: Cylindrical Diecast Body
Facenut and Button: Chrome Plated
Circuitry:
Normally Off (Circuit only closing
with actuator depressed, with spring
return to ‘Off’)
Rating:
35A @ 12V DC
20A @ 24V DC
Contacts:
Silver
*  Box and Retail Blister Pack Available


Similar Part No. - 9155

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
9155 TIME-ELECTRONICS-9155 Datasheet
48Kb / 2P
Time Electronics Ltd. [TIME-ELECTRONICS]^2907
V1b 20/06/08
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
9155-300 AVX-9155-300 Datasheet
865Kb / 7P
Right Angle 3.0mm Pitch Battery
More results

Similar Description - 9155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
Push Button Switches
H8350ABBB ETC2-H8350ABBB Datasheet
156Kb / 2P
8300 Push Button Switches
HF361J ETC2-HF361J Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
Push Button Switches
HNF361J ETC2-HNF361J Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
logo
Littelfuse
9023 LITTELFUSE-9023 Datasheet
402Kb / 1P
LIGHT DUTY MOMENTARY PUSH BUTTON SWITCHES
2019 Rev: 121219
9095 LITTELFUSE-9095 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com