Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1015MP Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MSC1015MP
Description  RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MSC1015MP Datasheet(HTML) 2 Page - Advanced Power Technology

  MSC1015MP Datasheet HTML 1Page - Advanced Power Technology MSC1015MP Datasheet HTML 2Page - Advanced Power Technology MSC1015MP Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC1015MP
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
IC = 10 mA
IE = 0 mA
65
V
BVCES
IC = 25 mA
VBE = 0 V
65
V
BVEBO
IE = 1 mA
IC = 0 mA
3.5
V
ICES
VCE = 50 V
IE = 0 mA
2
hFE
VCE = 5 V
IC = .1 A
10
200
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 1025 – 1150 MHz
PIN = 1.5 W
VCE = 50 V
15
W
GP
f = 1025 – 1150 MHz
PIN = 1.5 W
VCE = 50 V
10
dB
çC
f = 1025 – 1150 MHz
PIN = 1.5 W
VCE = 50 V
30
%
Note:
Pulse width = 10µSec
Duty Cycle = 1%
IMPEDANCE DATA
IMPEDANCE DATA
Freq. (MHz)
ZIN (
Ω)
ZCL (
Ω)
960
2.5 + j 12.5
17.0 + j 15.5
1030
3.5 + j 12.5
17.0 + j 14.5
1090
3.0 + j 13.5
19.5 + j 12.5
1150
3.5 + j 14.0
18.0 + j 12.0
1215
5.0 + j 17.0
16.0 + j 12.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com